| Moteur de recherche de fiches techniques de composants électroniques |
|
CL88020 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CL88020 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 47 page ![]() CL88020 120 VAC OFFLINE LED DRIVER EVALUATION BOARD USER’S GUIDE 2017 Microchip Technology Inc. DS50002611A-page 21 Appendix A. Schematic and Layouts A.1 INTRODUCTION This appendix contains the following schematics and layouts for the CL88020 120 VAC Offline LED Driver Evaluation Board and for the CL88020 LED Load Board: • Board Schematic - ADM00766 • Board Schematic - ADM00767 • CL88020 LED Driver Evaluation Board - ADM00766 – Top Silk - ADM00766 – Top Copper And Silk - ADM00766 – Top Copper - ADM00766 – Bottom Copper - ADM00766 – Bottom Copper and Silk - ADM00766 – Bottom Silk • CL88020 LED Load Board - ADM00767 – Top Silk - ADM00767 – Top Copper and Silk - ADM00767 – Top Copper - ADM00767 – Bottom Copper - ADM00767 – Bottom Copper and Silk - ADM00767 – Bottom Silk |