Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CEC1702 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce CEC1702
Description  CEC1702 EFUSE GENERATOR TOOL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1702 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button CEC1702 Datasheet HTML 7Page - Microchip Technology CEC1702 Datasheet HTML 8Page - Microchip Technology CEC1702 Datasheet HTML 9Page - Microchip Technology CEC1702 Datasheet HTML 10Page - Microchip Technology CEC1702 Datasheet HTML 11Page - Microchip Technology CEC1702 Datasheet HTML 12Page - Microchip Technology CEC1702 Datasheet HTML 13Page - Microchip Technology CEC1702 Datasheet HTML 14Page - Microchip Technology CEC1702 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Introduction
 2017 Microchip Technology Inc.
DS50002598A-page 11
1.1.5
Prerequisites
Following are the prerequisites for generating the header, hex and binary file for pro-
gramming described in Chapter 2. “CEC1702 Efuse Generator Tool Procedure”:
1. Clicker board with blank CEC1702 should be available.
2. The hardware board must have proper input circuitry for providing 1.59V Efuse
programming voltage.
3. PC should have Windows7/8/10.
4. The user is expected to have downloaded and installed openssl version 1.0.1e.
Please refer to the following •
5. The user is expected to have downloaded the CEC1702 Efuse Generator Tool
on your PC. If the user is using mikroProg tool for programming the Clicker
board, this utility is part of the tool package.
6. The user is expected to have any JTAG programmer tool installed on their PC for
programming the Efuse hex / binary file in CEC1702 on the Clicker board.
7. The user is expected to have read the CEC1702 data sheet and know all the
encryption modes planned to be used in their system.
8. The user is expected to know which keys need to be generated for their system
and application.
Note:
• CEC1702 Efuse Generator Tool is only supported for Windows at this time.
• One may download openssl from https://www.openssl.org/source/old/1.0.1/. Ver-
sion number is openssl-1.0.1e.tar.gz or later.
• Please refer to CEC1702 Clicker board documentation for other requirements for
executing step 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30