| Moteur de recherche de fiches techniques de composants électroniques |
|
CEC1702 Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1702 Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 30 page ![]() CEC1702 Efuse Generator Tool User’s Guide DS50002598A-page 18 2017 Microchip Technology Inc. 24. Figure 2-6: “Example Of Custom input Data display” shows an example of how the Custom input data would appear in the Custom Data View Window. The values in Figure 2-6: “Example Of Custom input Data display” are just an example. Customers must program their required values in the custom data input field. 25. Click the “Generate Efuse” button to generate the Efuse key. 26. If “Disable Warning message” is not selected, the window shown in Figure 2-8: “Warning Message Before Generating The Keys” will pop up and will dis- play the configuration options selected by the user along with the list of custom inputs entered by the user along with the address where these are being pro- grammed. 27. If there are changes to be made, the user may click the “Quit” button in the form shown in Figure 2-8: “Warning Message Before Generating The Keys” and re-enter his configuration. 'Quit' will exit out without generating any output files with default menu option. This means that the option selected earlier will be dis- carded and a fresh selection will have to be done. FIGURE 2-5: CUSTOM DATA VIEW WINDOW FIGURE 2-6: EXAMPLE OF CUSTOM INPUT DATA DISPLAY |