Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5471GHKA Fiches technique(PDF) 20 Page - Texas Instruments

No de pièce TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Fiches technique(HTML) 20 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 16Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 17Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 18Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 19Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 20Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 21Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 22Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 23Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
Introduction
11
June 2001 – Revised December 2002
SPRS180C
Table 2–3. Internal Pullup/Pulldown Terminal List
TERMINAL NAME
I/O
BALL #
TYPE
DSP_D00
I/O/Z
C10
PS100, 100-
µA pullup
DSP_D01
I/O/Z
F10
PS100, 100-
µA pullup
DSP_D02
I/O/Z
A9
PS100, 100-
µA pullup
DSP_D03
I/O/Z
B9
PS100, 100-
µA pullup
DSP_D04
I/O/Z
F9
PS100, 100-
µA pullup
DSP_D05
I/O/Z
E9
PS100, 100-
µA pullup
DSP_D06
I/O/Z
A8
PS100, 100-
µA pullup
DSP_D07
I/O/Z
B8
PS100, 100-
µA pullup
DSP_D08
I/O/Z
F8
PS100, 100-
µA pullup
DSP_D09
I/O/Z
E8
PS100, 100-
µA pullup
DSP_D10
I/O/Z
A7
PS100, 100-
µA pullup
DSP_D11
I/O/Z
B7
PS100, 100-
µA pullup
DSP_D12
I/O/Z
F7
PS100, 100-
µA pullup
DSP_D13
I/O/Z
A6
PS100, 100-
µA pullup
DSP_D14
I/O/Z
B6
PS100, 100-
µA pullup
DSP_D15
I/O/Z
C6
PS100, 100-
µA pullup
KBGPIO08
I/O
M1
PS100, 100-
µA pullup
KBGPIO09
I/O
M2
PS100, 100-
µA pullup
KBGPIO10/DSP_IACK
I/O
L5
PS100, 100-
µA pullup
KBGPIO11/DSP_IAQ
I/O
K2
PS100, 100-
µA pullup
KBGPIO12/DSP_MSC
I/O
L6
PS100, 100-
µA pullup
KBGPIO13/DSP_TOUT
I/O
K1
PS100, 100-
µA pullup
KBGPIO14/DSP_CLKOUT
I/O
H1
PS100, 100-
µA pullup
KBGPIO15/ARM_MCLK
I/O
L1
PS100, 100-
µA pullup
GPIO16/SDA
I/O
G1
PS100, 100-
µA pullup
CS4/BIGEND
I/O
W18
PE100, 100-
µA pulldown
CS3/ROMSIZE16
I/O
J14
PS100, 100-
µA pullup
RXD00
I
V2
PS020, 20-
µA pullup
RXD01
I
U3
PS020, 20-
µA pullup
RXD02
I
W2
PS020, 20-
µA pullup
RXD03
I
U4
PS020, 20-
µA pullup
RXDV0
I
V1
PS020, 20-
µA pullup
RXER0
I
U1
PS020, 20-
µA pullup
RCLK0
I
U2
PS020, 20-
µA pullup
TCLK0
I
T1
PS020, 20-
µA pullup
COL0
I
P2
PS020, 20-
µA pullup
CRS0
I
P1
PS020, 20-
µA pullup
EMU0
I/O
V10
PS100, 100-
µA pullup
EMU1
I/O
V8
PS100, 100-
µA pullup
TCK
I
W9
PE100, 100-
µA pulldown
TRST
I
W8
PE100, 100-
µA pulldown
TMS
I/O
W10
PS100, 100-
µA pullup
TDI
I/O
V9
PS100, 100-
µA pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97