Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV6435S Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STV6435S
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6435S Fiches technique(HTML) 3 Page - STMicroelectronics

  STV6435S Datasheet HTML 1Page - STMicroelectronics STV6435S Datasheet HTML 2Page - STMicroelectronics STV6435S Datasheet HTML 3Page - STMicroelectronics STV6435S Datasheet HTML 4Page - STMicroelectronics STV6435S Datasheet HTML 5Page - STMicroelectronics STV6435S Datasheet HTML 6Page - STMicroelectronics STV6435S Datasheet HTML 7Page - STMicroelectronics STV6435S Datasheet HTML 8Page - STMicroelectronics STV6435S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
STV6435
General Information
1
General Information
Note:
The three RGB channels are identical and their pin assignments may be interchanged in an
application if needed. In this case, verify that the outputs correspond to the inputs; for example, the
pin 7 input must correspond to the pin 14 output.
Figure 1: STV6435S Pinout
Figure 2: STV6435D Pinout
15
16
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
13
14
11
12
CVBS_ENC
DEC
C_ENC
GND
Y_ENC
GND
GND
VCC
G_ENC
R_ENC
MUTE
B_ENC
VCCB3
CVBSOUT
VCCB2
COUT
GNDB
GND
GND
YOUT
GOUT
VCCB1
ROUT
BOUT
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
CVBS_ENC
DEC
C_ENC
GND
Y_ENC
VCC
G_ENC
R_ENC
MUTE
B_ENC
VCCB3
CVBSOUT
VCCB2
COUT
GNDB
YOUT
GOUT
VCCB1
ROUT
BOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17