Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

173010342 Fiches technique (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 173010342
Description  Pulse skipping for high efficiency at light loads
Taille du fichier   1705.07 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

173010342 Fiches technique (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.



Numéro de pièce similaire - 173010342

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
173010342 WURTH-173010342 Datasheet
1Mb / 24P
Continuous output power: 3.3W or 5W
173010342 WURTH-173010342 Datasheet
2Mb / 36P
FDSM ??Fixed Step Down Regulator Module
1.0
173010342 WURTH-173010342 Datasheet
3Mb / 36P
Fixed Step Down Regulator Module
Rev. 1.0
173010342 WURTH-173010342 Datasheet
5Mb / 42P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 1A / Fixed Output 3.3V, 5V, 12V or 15V
version 4.0
173010342 WURTH-173010342 Datasheet
5Mb / 42P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 500mA / Fixed Output 3.3V, 5V, 12V or 15V
version 3.0
More results


Description similaire - 173010342

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
1VB1 MACOM-1VB1 Datasheet
224Kb / 3P
General Purpose RFI Filters for High Impedance Loads at Low Current
logo
Sanken electric
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
Light Load High Efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
Light Load High Efficiency
logo
STMicroelectronics
STOD1317B STMICROELECTRONICS-STOD1317B Datasheet
907Kb / 22P
Very high efficiency at light load thanks to pulse skipping operation
11-Apr-2013
logo
Maxim Integrated Produc...
MAX5991 MAXIM-MAX5991 Datasheet
861Kb / 22P
High Efficiency During Light Loads Reduces Power Consumption
Rev 2; 1/15
MAX5988 MAXIM-MAX5988 Datasheet
908Kb / 23P
High Efficiency During Light Loads Reduces Power Consumption
Rev 3; 1/15
logo
STMicroelectronics
IPS1025HF STMICROELECTRONICS-IPS1025HF Datasheet
2Mb / 32P
High efficiency, high-side switch with extended diagnostics, smart driving for capacitive loads and short propagation delay at power-on
01-Aug-2022
IPS1025H STMICROELECTRONICS-IPS1025H Datasheet
3Mb / 32P
High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
01-Aug-2022
IPS2050H STMICROELECTRONICS-IPS2050H Datasheet
3Mb / 32P
High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
01-Aug-2022
More results

Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com