| Fabricant | No de pièce | Fiches technique | Description |
 Infineon Technologies A... |
PTFA092211EL
|
424Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 ??960 MHz
Rev. 02, 2009-05-27 |
|
PTFA082201E
|
352Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 869 ??894 MHz
Rev. 04.1, 2009-02-20 |
|
PTFA091201GL
|
288Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 02, 2008-08-27 |
|
PTFA091201E
|
272Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 03, 2007-11-19 |
|
PTFA080551E
|
233Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 55 W, 869 ??960 MHz
Rev. 03, 2008-10-22 |
|
PTFA092201E
|
379Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 920 - 960 MHz
Rev. 03.1, 2009-02-20 |
|
PTFA091201GL
|
391Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 03, 2009-03-31 |
|
PTFA091203EL
|
620Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920-960 MHz
Rev. 05, 2010-11-12 |
|
PTFA241301E
|
248Kb / 12P |
Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420-2480 MHz
Rev. 05, 2007-05-11 |
|
PTFA241301FV1
|
248Kb / 12P |
Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420 ??2480 MHz
Rev. 05, 2007-05-11 |