| Fabricant | No de pièce | Fiches technique | Description |
 STMicroelectronics |
STW57N65M5-4
|
1Mb / 14P |
N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
17-Apr-2013 |
|
STL57N65M5
|
1Mb / 16P |
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013 |
|
STY139N65M5
|
971Kb / 13P |
N-channel 650 V, 0.014 Ω typ., 130 A, MDmesh™V Power MOSFET in Max247 package
24-Jan-2013 |
|
STY112N65M5
|
856Kb / 12P |
N-channel 650 V, 0.019 Ω, 96 A, MDmesh™V Power MOSFET in Max247 package
03-May-2012 |
|
STF40N65M2
|
441Kb / 13P |
N-channel 650 V, 0.087 Ω typ., 32 A MDmesh™ M2 Power MOSFET in a TO-220FP package
09-Feb-2014 |
|
STW56N65DM2
|
719Kb / 12P |
N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015 |
|
STE139N65M5
|
1,021Kb / 13P |
N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
13-Aug-2013 |
|
STFI20NM65N
|
783Kb / 12P |
N-channel 650 V, 15 A, 0.250 Ω typ., MDmesh™II Power MOSFET in a I²PAKFP package
20-Dec-2013 |
|
STL45N65M5
|
878Kb / 16P |
N-channel 650 V, 0.075 Ω typ., 22.5 A MDmesh™ M5 Power MOSFET in a PowerFLAT™ 8x8 HV package
October 2015 Rev 2 |
|
STY105NM50N
|
907Kb / 13P |
N-channel 500 V, 0.019 Ω typ., 110 A, MDmesh™ II Power MOSFET in a Max247 package
July 2013 Rev 3 |