| Fabricant | No de pièce | Fiches technique | Description |
 Fairchild Semiconductor |
FDMA520PZ
|
240Kb / 6P |
Single P-Channel PowerTrench MOSFET -20V, -7.3A, 30mohm
|
|
FDS8858CZ
|
311Kb / 10P |
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
|
|
FDG332PZ
|
458Kb / 6P |
P-Channel PowerTrench짰 MOSFET -20V, -2.6A, 97m廓
|
|
FDFMA2P857
|
602Kb / 8P |
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
|
|
FDMA420NZ
|
1Mb / 7P |
Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
|
|
FDMA510PZ
|
752Kb / 7P |
Single P-Channel PowerTrench짰 MOSFET -20V, -7.8A, 30m廓
|
|
FDMA530PZ
|
882Kb / 6P |
Single P-Channel PowerTrench짰 MOSFET
|
|
FDMA910PZ
|
236Kb / 7P |
Single P-Channel PowerTrench짰 MOSFET
|
|
FDC642P
|
263Kb / 7P |
P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
|
 ON Semiconductor |
FDS8858CZ
|
543Kb / 11P |
Dual N & P-Channel PowerTrench짰 MOSFETN-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
October-2017,Rev.3 |