| Fabricant | No de pièce | Fiches technique | Description |
 Ulti-Mate Connector Inc |
SD-836111117
|
87Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 9, CM1R09P07-S01
9-20-13 |
|
SD-836141518
|
97Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 5, SIZE 25 CM5R25P07T-S01
7-24-13 |
|
SD-836141712
|
106Kb / 1P |
MICRO-D CONNECTOR, PLUG, STYLE 16, SIZE 25 CM16R25P02-S01
11/12/2012 |
|
SD-836151128
|
154Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 31 CM1R31P07T-0.140-S01
10-23-14 |
|
SD-836161117
|
122Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, SIZE 37, STYLE 1, NICKEL PLATED, CM1R37P07-S01
6/7/16 |
|
SD-836170818
|
187Kb / 1P |
MICRO-D CIRCUIT CONNECTOR SIZE 51-3, PLUG CM8R51-3P07T
09/30/2022 |
|
SD-836171138
|
119Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 1, 51 POSITION CM1R51-3S07T-.172-S01
5-13-15 |
|
SD-836271138
|
117Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, RECEPTACLE (SOCKETS), STYLE 1, 51 POSITION CM1R51-3S07T-.172-S01
5-13-15 |
|
SD-836371818
|
161Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, CAP8R51-3P07T-S01
12/14/15 |
|
SD-836471118
|
131Kb / 1P |
MICRO-D CONNECTOR, RECEPTACLE, STYLE 1, SIZE 51 CA1R51-3S07T-S01
6-23-14 |