| Fabricant | No de pièce | Fiches technique | Description |
 Ulti-Mate Connector Inc |
SD-836110012
|
87Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 18, SIZE 9 CM18R09P02
8-2-13 |
|
SD-836110118
|
87Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 9 CM1R09P07T
9-23-13 |
|
SD-836141518
|
97Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 5, SIZE 25 CM5R25P07T-S01
7-24-13 |
|
SD-836111128
|
86Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 9 CM1R09P07T-.140-S01L
12-17-13 |
|
SD-836111317
|
124Kb / 1P |
CIRCUIT CONNECTOR, PLUG, STYLE 9 BACKSHELL, SIZE 9, CM9R09P07-S01
7/21/2021 |
|
SD-836141712
|
106Kb / 1P |
MICRO-D CONNECTOR, PLUG, STYLE 16, SIZE 25 CM16R25P02-S01
11/12/2012 |
|
SD-836151128
|
154Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 31 CM1R31P07T-0.140-S01
10-23-14 |
|
SD-836151828
|
103Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 8, SIZE 31 CM8R31P07T-0.140-S01
06/27/2013 |
|
SD-836161117
|
122Kb / 1P |
MICRO-D CIRCUIT CONNECTOR, PLUG, SIZE 37, STYLE 1, NICKEL PLATED, CM1R37P07-S01
6/7/16 |
|
SD-836371118
|
138Kb / 1P |
MICRO-D CONNECTOR, PLUG, STYLE 1, SIZE 51 CAP1R51-3P07T-S01
6-23-14 |