Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SF11092140B102T Fiches technique (PDF) - WALSIN TECHNOLOGY CORPORATION

SF11092140B102T Datasheet PDF - WALSIN TECHNOLOGY CORPORATION
No de pièce SF11092140B102T
Télécharger  SF11092140B102T Télécharger
Taille du fichier   734.01 Kbytes
Page   8 Pages
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION
Description 2110~2170 MHz Band Working Frequency

SF11092140B102T Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SF11092140B102T Datasheet PDF - WALSIN TECHNOLOGY CORPORATION

No de pièce SF11092140B102T
Télécharger  SF11092140B102T Click to download

Taille du fichier   734.01 Kbytes
Page   8 Pages
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION
Description 2110~2170 MHz Band Working Frequency

SF11092140B102T Fiches technique (HTML) - WALSIN TECHNOLOGY CORPORATION




Numéro de pièce similaire - SF11092140B102T

FabricantNo de pièceFiches techniqueDescription
logo
WALSIN TECHNOLOGY CORPO...
SF11092017B3403T WALSIN-SF11092017B3403T Datasheet
639Kb / 8P
2010~2025 MHz Band Working Frequency
SF11092350B4004T WALSIN-SF11092350B4004T Datasheet
1Mb / 8P
2300~2400 MHz Band Working Frequency
SF11092350B4005T WALSIN-SF11092350B4005T Datasheet
1Mb / 8P
2300~2400 MHz Band Working Frequency
SF11092450A04T WALSIN-SF11092450A04T Datasheet
732Kb / 8P
2400~2500 MHz Band Working Frequency
SF11092595B3804T WALSIN-SF11092595B3804T Datasheet
1Mb / 8P
2570~2620 MHz Band Working Frequency
More results


Description similaire - SF11092140B102T

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MAMXES0050 MACOM-MAMXES0050 Datasheet
133Kb / 2P
E-Series Surface Mount Mixer 2110 - 2170 MHz
logo
PEAK electronics GmbH
PTF102003 PEAK-PTF102003 Datasheet
666Kb / 6P
120 Watts, 2110-2170 MHz PUSH/PULL LATERAL MOSFET
logo
Stealth Microwave, Inc.
SM2122-52LD STEALTH_MICROWAVE-SM2122-52LD Datasheet
185Kb / 4P
2110-2170 MHz 160 Watt Peak Power Amplifier
logo
M/A-COM Technology Solu...
MAFR-000087-US1C1T MA-COM-MAFR-000087-US1C1T Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 2110 MHz-2170 MHz
MAFR-000355-000001 MA-COM-MAFR-000355-000001 Datasheet
94Kb / 2P
Single Junction Drop-In Circulator 2110 MHz-2170 MHz
logo
Skyworks Solutions Inc.
SKY77455 SKYWORKS-SKY77455 Datasheet
96Kb / 2P
Front-End Module for LTE / EUTRAN Band I (Tx 1920-1980 MHz), (Rx 2110-2170 MHz)
SKY66184-11 SKYWORKS-SKY66184-11 Datasheet
1,001Kb / 14P
2110 to 2170 MHz Linear Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1005040F0T WALSIN-RFBLN1005040F0T Datasheet
593Kb / 7P
1805~2170 MHz Working Frequency
RFBPF1109B501T WALSIN-RFBPF1109B501T Datasheet
607Kb / 7P
869 ~ 894 MHz Band Working Frequency
SF11092595B3804T WALSIN-SF11092595B3804T Datasheet
1Mb / 8P
2570~2620 MHz Band Working Frequency
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com