Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RFBLN1005040F0T Fiches technique (PDF) - WALSIN TECHNOLOGY CORPORATION

RFBLN1005040F0T Datasheet PDF - WALSIN TECHNOLOGY CORPORATION
No de pièce RFBLN1005040F0T
Télécharger  RFBLN1005040F0T Télécharger
Taille du fichier   593.49 Kbytes
Page   7 Pages
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION
Description 1805~2170 MHz Working Frequency

RFBLN1005040F0T Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
RFBLN1005040F0T Datasheet PDF - WALSIN TECHNOLOGY CORPORATION

No de pièce RFBLN1005040F0T
Télécharger  RFBLN1005040F0T Click to download

Taille du fichier   593.49 Kbytes
Page   7 Pages
Fabricant  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Site Internet  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION
Description 1805~2170 MHz Working Frequency

RFBLN1005040F0T Fiches technique (HTML) - WALSIN TECHNOLOGY CORPORATION




Numéro de pièce similaire - RFBLN1005040F0T

FabricantNo de pièceFiches techniqueDescription
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A67N3T WALSIN-RFBLN1005040A67N3T Datasheet
688Kb / 7P
2.4 GHz ISM Band RF Application
RFBLN1005040A6T WALSIN-RFBLN1005040A6T Datasheet
665Kb / 7P
2.4 GHz ISM Band RF Application
RFBLN1005040A7T WALSIN-RFBLN1005040A7T Datasheet
333Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
More results


Description similaire - RFBLN1005040F0T

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
PXAC200902FC INFINEON-PXAC200902FC Datasheet
489Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 90 W, 28 V, 1805 ??2170 MHz
Rev. 02.1, 2016-02-11
PXAC210552FC INFINEON-PXAC210552FC Datasheet
206Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
Rev. 02, 2015-12-04
PXAC210552MD INFINEON-PXAC210552MD Datasheet
466Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
Rev. 03.1, 2017-01-25
PXAC210552ND INFINEON-PXAC210552ND Datasheet
466Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
Rev. 04.1, 2017-01-09
logo
Cree, Inc
PXAC210552FC CREE-PXAC210552FC Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
PXAC200902FC CREE-PXAC200902FC Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 90 W, 28 V, 1805 - 2170 MHz
logo
Skyworks Solutions Inc.
SKY65804-696LF SKYWORKS-SKY65804-696LF Datasheet
136Kb / 2P
Mid-Band 1805 to 2170 MHz Low-Noise Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B301T WALSIN-RFBPF1109B301T Datasheet
568Kb / 7P
1805 ~ 1880 MHz Working Frequency
SF11091842B305T WALSIN-SF11091842B305T Datasheet
729Kb / 8P
1805~1880 MHz Band Working Frequency
SF11092140B102T WALSIN-SF11092140B102T Datasheet
734Kb / 8P
2110~2170 MHz Band Working Frequency
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com