Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9120-46 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ICS9120-46 Datasheet

  • # Example questions: ➢ Decode the 'ics9120m-46' example and identify what the 'm' represents.
    ➢ What is the typical supply current (idd) for the ics9120-46 when operating at 3v?
    ➢ What is the recommended crystal input capacitance (cinx) for both pins x1 (pin 1) and x2 (pin 8)?

  • Part No.ICS9120-46
    ManufacturerICST
    Size122 Kbytes
    Pages5 pages
    DescriptionModem and Audio Clock Generator
    Datasheet Summary with AI

    1. Device Overview:

    ️· Device: ICS9120-46
    ️· Function: Likely a clock fanout or clock distribution device (specific details would be in more detailed sections).
    ️· Datasheet Extract: This is a partial datasheet, covering key electrical characteristics and ordering information.

    2. Electrical Characteristics (Two Voltage Options):

    The datasheet provides electrical characteristics for two supply voltages:

    ️· 3.3V Operation:
    - Input/Output voltage levels are specified relative to 3.3V.
    - Typical supply current: 20mA
    - Crystal input capacitance: 5pF
    - Rise/Fall times are generally slower at 3.3V compared to 5V.
    - Jitter specifications (one sigma and absolute) are provided.
    ️· 5V Operation:
    - Input/Output voltage levels are specified relative to 5V.
    - Typical supply current: 20mA
    - Crystal input capacitance: 5pF
    - Rise/Fall times are faster at 5V.
    - Jitter specifications (one sigma and absolute) are provided.

    3. Key Parameters & Values (Examples):

    ️· Input Low Voltage (VIL): 0.2 VDD (3.3V) or VDD (5V)
    ️· Input High Voltage (VIH): 0.7 VDD (3.3V) or VDD (5V)
    ️· Output Low Voltage (VOL): 0.05VDD (3.3V) or 1.1VDD (5V)
    ️· Output High Voltage (VOH): 0.85VDD(3.3V) or 0.94VDD(5V)
    ️· Supply Current (IDD): 20mA (typical)
    ️· Pull-up Resistor Value (Rpu): 620.0kΩ (3.3V) or 900.0kΩ (5V)
    ️· Crystal Input Capacitance (Cinx): 5pF

    4. AC Characteristics (Key Parameters):

    ️· Rise Time (Tr): 2.2ns (3.3V) or 2.3ns (5V)
    ️· Fall Time (Tf): 1.2ns (3.3V) or 1.2ns (5V)
    ️· Power-up Time (Tpu): 5.5 - 12.0ms

    5. Ordering Information:

    ️· Part Number Format: ICSXXXXM-PPP
    - ICS: Standard Device Prefix
    - XXXX: Pattern Number
    - M: SOIC Package Type
    - PPP: Likely represents device-specific variations or options.
    ️· Example: ICS9120M-46

    6. Package Information:

    ️· 8-pin SOIC package

    Important Notes/Caveats:

    ️· Partial Datasheet: This is *not* the full datasheet. It lacks details on the device's specific functionality, pin assignments, or complete AC/DC characteristics.
    ️· Parameter Guarantees: The datasheet states that some parameters are "guaranteed by design and characterization." This means they're not necessarily tested in production.

    1. Device Overview:

    ️· Device: ICS9120-46
    ️· Function: Likely a clock fanout or clock distribution device (specific details would be in more detailed sections).
    ️· Datasheet Extract: This is a partial datasheet, covering key electrical characteristics and ordering information.

    2. Electrical Characteristics (Two Voltage Options):

    The datasheet provides electrical characteristics for two supply voltages:

    ️· 3.3V Operation:
    - Input/Output voltage levels are specified relative to 3.3V.
    - Typical supply current: 20mA
    - Crystal input capacitance: 5pF
    - Rise/Fall times are generally slower at 3.3V compared to 5V.
    - Jitter specifications (one sigma and absolute) are provided.
    ️· 5V Operation:
    - Input/Output voltage levels are specified relative to 5V.
    - Typical supply current: 20mA
    - Crystal input capacitance: 5pF
    - Rise/Fall times are faster at 5V.
    - Jitter specifications (one sigma and absolute) are provided.

    3. Key Parameters & Values (Examples):

    ️· Input Low Voltage (VIL): 0.2 VDD (3.3V) or VDD (5V)
    ️· Input High Voltage (VIH): 0.7 VDD (3.3V) or VDD (5V)
    ️· Output Low Voltage (VOL): 0.05VDD (3.3V) or 1.1VDD (5V)
    ️· Output High Voltage (VOH): 0.85VDD(3.3V) or 0.94VDD(5V)
    ️· Supply Current (IDD): 20mA (typical)
    ️· Pull-up Resistor Value (Rpu): 620.0kΩ (3.3V) or 900.0kΩ (5V)
    ️· Crystal Input Capacitance (Cinx): 5pF

    4. AC Characteristics (Key Parameters):

    ️· Rise Time (Tr): 2.2ns (3.3V) or 2.3ns (5V)
    ️· Fall Time (Tf): 1.2ns (3.3V) or 1.2ns (5V)
    ️· Power-up Time (Tpu): 5.5 - 12.0ms

    5. Ordering Information:

    ️· Part Number Format: ICSXXXXM-PPP
    - ICS: Standard Device Prefix
    - XXXX: Pattern Number
    - M: SOIC Package Type
    - PPP: Likely represents device-specific variations or options.
    ️· Example: ICS9120M-46

    6. Package Information:

    ️· 8-pin SOIC package

    Important Notes/Caveats:

    ️· Partial Datasheet: This is *not* the full datasheet. It lacks details on the device's specific functionality, pin assignments, or complete AC/DC characteristics.
    ️· Parameter Guarantees: The datasheet states that some parameters are "guaranteed by design and characterization." This means they're not necessarily tested in production.

    Part No.ICS9120-46
    ManufacturerICST
    Size122 Kbytes
    Pages5 pages
    DescriptionModem and Audio Clock Generator