Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1887 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ICS1887 Datasheet

  • # Example questions: ➢ What is the typical duty cycle for the ref_in input signal?
    ➢ What package type is associated with the ics1887m device, and what is the dimension 'l' for that package?
    ➢ What is the maximum latency (in bits) from the time the 5-bit data is sampled to when the first bit is output on the tx+ signal?

  • Part No.ICS1887
    ManufacturerICST
    Size536 Kbytes
    Pages14 pages
    DescriptionFDDI / Fast Ethernet PHYceiverTM
    Datasheet Summary with AI

    1. Overall Function and Purpose

    ️· Transceiver: The ICS1887 is a high-speed transceiver chip designed primarily for FDDI (Fiber Distributed Data Interface) and similar applications. It handles both transmitting and receiving data.
    ️· Serial Interface: It works by converting parallel data to serial data for transmission and vice-versa for reception.
    ️· Clock Recovery: A crucial feature is its ability to recover the clock signal from the incoming data stream. This is vital for reliable data transfer in high-speed serial communications.

    2. Key Features & Specifications (and comparisons to general transceiver expectations)

    ️· Data Rate: Supports up to 100 Mbps (Megabits per second) – typical for FDDI. While not blazing fast by today's standards (gigabit-class devices are common now), it was a significant speed for its time.
    ️· Parallel/Serial Conversion: Uses a 5-bit parallel interface to communicate with a host processor.
    ️· Clock Recovery: The data sheet heavily emphasizes clock recovery. Key points:
    - Ideal Data Recovery Window: 8 ns.
    - Actual Data Recovery Window: 6-8 ns.
    - Data Recovery Window Truncation: Up to 1 ns. This illustrates the tolerances involved in clock recovery – the chip doesn't recover the clock *perfectly*.
    - CD Assert to Data Acquired: 5 µs – a significant delay between Carrier Detect (CD) signal assertion and actual data availability. This needs to be accounted for in system design.
    ️· Transmit and Receive Latency: Specified latencies are important for overall system timing, especially in real-time applications.
    ️· Voltage Levels: Likely operates at 5V, common for this era of technology.
    ️· Package: Available in SOIC packages.
    ️· Duty Cycle Tolerance: The tolerances on the duty cycle of the clocks (REF_IN and TCLK) are relatively loose, demonstrating the chip's ability to function under varying conditions but requiring careful design of the oscillator and clock circuitry.

    3. Important Design Considerations & Potential Challenges (Based on the Datasheet)

    ️· Clock Circuitry: The clock circuitry around the ICS1887 needs to be very well designed. The duty cycle tolerance (45-55%) suggests that a stable, accurate oscillator is required. Component selection should be meticulous.
    ️· Timing Margins: The listed timing specifications (setup and hold times for parallel data, recovery window, CD assertion delay) provide the *minimum* operating margins. System designers *must* build in additional margin to account for variations in component tolerances, board layout, and environmental factors. Too tight of a design will lead to unreliable operation.
    ️· Carrier Detect (CD) Signal Delay: The 5µs delay between CD assertion and data availability is critical. The system must be designed to handle this delay gracefully. This could mean buffering the CD signal and waiting before attempting to read data.
    ️· Parallel Interface: The 5-bit parallel interface implies that the host processor also needs to be capable of handling this interface.
    ️· Power Supply Stability: A stable power supply is essential for the ICS1887 to function reliably. Voltage fluctuations can negatively impact timing and data integrity.
    ️· Board Layout: The board layout must be optimized for high-speed signals. This includes minimizing stubs, using controlled impedance traces, and providing adequate grounding.

    4. Summary Table of Key Specs

    Feature Specification Implication
    Data Rate Up to 100 Mbps Suitable for FDDI and similar applications. Not a high-speed device by modern standards.
    Parallel Interface 5-bit Requires a host processor with a 5-bit parallel interface.
    Clock Recovery Window 6-8ns Actual Critical timing parameter, limits maximum data rate.
    CD Assertion Delay 5µs System must be designed to handle this delay.
    Duty Cycle Tolerance 45-55% Requires stable, accurate oscillator.
    Voltage Level Likely 5V Requires a 5V power supply.



    In essence: The ICS1887 is a relatively complex chip that requires careful design and layout to function reliably. While its speed might be dated, its features—particularly its clock recovery—are still relevant for certain applications.

    1. Overall Function and Purpose

    ️· Transceiver: The ICS1887 is a high-speed transceiver chip designed primarily for FDDI (Fiber Distributed Data Interface) and similar applications. It handles both transmitting and receiving data.
    ️· Serial Interface: It works by converting parallel data to serial data for transmission and vice-versa for reception.
    ️· Clock Recovery: A crucial feature is its ability to recover the clock signal from the incoming data stream. This is vital for reliable data transfer in high-speed serial communications.

    2. Key Features & Specifications (and comparisons to general transceiver expectations)

    ️· Data Rate: Supports up to 100 Mbps (Megabits per second) – typical for FDDI. While not blazing fast by today's standards (gigabit-class devices are common now), it was a significant speed for its time.
    ️· Parallel/Serial Conversion: Uses a 5-bit parallel interface to communicate with a host processor.
    ️· Clock Recovery: The data sheet heavily emphasizes clock recovery. Key points:
    - Ideal Data Recovery Window: 8 ns.
    - Actual Data Recovery Window: 6-8 ns.
    - Data Recovery Window Truncation: Up to 1 ns. This illustrates the tolerances involved in clock recovery – the chip doesn't recover the clock *perfectly*.
    - CD Assert to Data Acquired: 5 µs – a significant delay between Carrier Detect (CD) signal assertion and actual data availability. This needs to be accounted for in system design.
    ️· Transmit and Receive Latency: Specified latencies are important for overall system timing, especially in real-time applications.
    ️· Voltage Levels: Likely operates at 5V, common for this era of technology.
    ️· Package: Available in SOIC packages.
    ️· Duty Cycle Tolerance: The tolerances on the duty cycle of the clocks (REF_IN and TCLK) are relatively loose, demonstrating the chip's ability to function under varying conditions but requiring careful design of the oscillator and clock circuitry.

    3. Important Design Considerations & Potential Challenges (Based on the Datasheet)

    ️· Clock Circuitry: The clock circuitry around the ICS1887 needs to be very well designed. The duty cycle tolerance (45-55%) suggests that a stable, accurate oscillator is required. Component selection should be meticulous.
    ️· Timing Margins: The listed timing specifications (setup and hold times for parallel data, recovery window, CD assertion delay) provide the *minimum* operating margins. System designers *must* build in additional margin to account for variations in component tolerances, board layout, and environmental factors. Too tight of a design will lead to unreliable operation.
    ️· Carrier Detect (CD) Signal Delay: The 5µs delay between CD assertion and data availability is critical. The system must be designed to handle this delay gracefully. This could mean buffering the CD signal and waiting before attempting to read data.
    ️· Parallel Interface: The 5-bit parallel interface implies that the host processor also needs to be capable of handling this interface.
    ️· Power Supply Stability: A stable power supply is essential for the ICS1887 to function reliably. Voltage fluctuations can negatively impact timing and data integrity.
    ️· Board Layout: The board layout must be optimized for high-speed signals. This includes minimizing stubs, using controlled impedance traces, and providing adequate grounding.

    4. Summary Table of Key Specs

    Feature Specification Implication
    Data Rate Up to 100 Mbps Suitable for FDDI and similar applications. Not a high-speed device by modern standards.
    Parallel Interface 5-bit Requires a host processor with a 5-bit parallel interface.
    Clock Recovery Window 6-8ns Actual Critical timing parameter, limits maximum data rate.
    CD Assertion Delay 5µs System must be designed to handle this delay.
    Duty Cycle Tolerance 45-55% Requires stable, accurate oscillator.
    Voltage Level Likely 5V Requires a 5V power supply.



    In essence: The ICS1887 is a relatively complex chip that requires careful design and layout to function reliably. While its speed might be dated, its features—particularly its clock recovery—are still relevant for certain applications.

    Part No.ICS1887
    ManufacturerICST
    Size536 Kbytes
    Pages14 pages
    DescriptionFDDI / Fast Ethernet PHYceiverTM