Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA4SW510B-1 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA4SW510B-1 Datasheet

  • # Example questions: ➢ The datasheet mentions both eutectic die attachment and epoxy die attachment. what temperature range is specified for curing epoxy, and what should be avoided when selecting solder for the eutectic method?
    ➢ How is the ma4sw510b-1 typically packaged?
    ➢ What type of wire bonding is recommended for the ma4sw510b-1, and what are the suggested parameters (temperature, force)?

  • Part No.MA4SW510B-1
    ManufacturerMA-COM
    Size531 Kbytes
    Pages7 pages
    DescriptionHMIC??Silicon PIN Diode Switch
    Datasheet Summary with AI

    1. Overview & Purpose

    ️· Product: MA4SW510B-1
    ️· Type: SP6T RF Switch (6-port single-pole switch)
    ️· Function: A high-performance RF switch used to route RF signals between multiple ports. It's a crucial component in applications like multi-band radios, test equipment, and phased array systems.
    ️· Key Features (implied from datasheet): Low Insertion Loss, High Isolation, Fast Switching Speed (not explicitly stated, but implied by design and application)

    2. Contact Information

    ️· North America: 800-366-2266
    ️· Europe: 44-1908-574-200
    ️· Asia-Pacific: 81-44-844-8296
    ️· Website: www.macom.com (for more information)

    3. Electrical Characteristics (Key Data Points - not comprehensive)

    ️· SP6T Configuration: Allows switching between six ports.
    ️· Datasheet emphasizes that device performance is dependent on proper biasing/control signals. (Not detailed in the document)
    ️· Biasing Required: The datasheet explicitly states proper biasing and control are necessary for operation but does not detail these.
    ️· Bonding Pads: The RF Bonding pads have dimensions .178 x .127 and DC Bond Pads are .127 x .127.
    ️· Chip Dimensions: (From Chip Outline Drawing)
    - A: 54-55 mils (1.37-1.40 mm)
    - B: 27-28 mils (0.69-0.71 mm)
    - C: 30-31 mils (0.76-0.79 mm)
    - D: 31-32 mils (0.79-0.81 mm)
    - E: 19-20 mils (0.48-0.51 mm)
    - F: 118.5-120.5 mils (3.01-3.06 mm)
    - G: 35-36 mils (0.89-0.91 mm)

    4. Manufacturing & Handling Recommendations

    ️· Cleanliness: Strict cleanliness is critical during handling and assembly.
    ️· Wire Bonding:
    - 0.00025" x 0.003" ribbon or 0.001" diameter gold wire is recommended.
    - Heat stage: 150°C
    - Force: 18-22 grams
    ️· Die Attachment:
    - Eutectic: Gold-tin (80/20) eutectic solder preform, specific temperature profile detailed.
    - Epoxy: Conductive epoxy, per manufacturer's instructions.
    ️· Metalization: Gold, 2.5µm thick.

    5. Ordering Information

    Part Number Package
    MA4SW510B-1 Waffle Pack

    6. Visuals & Diagrams

    ️· Schematic: A basic diagram showing the 6 ports (J1-J6).
    ️· Chip Outline Drawing: Detailed dimensions of the chip and pad locations.

    Important Considerations and Limitations of the Datasheet

    ️· Limited Electrical Data: The datasheet is weak on detailed electrical specifications (insertion loss, isolation, switching speed, impedance, frequency range, etc.). It *implies* good performance but doesn's give hard numbers.
    ️· Biasing/Control: The most critical missing information is the proper bias/control scheme to operate the switch. Without this, the device will not function.
    ️· Unusual Layout: The mix of tables and freeform text/diagrams is not ideal for easy information retrieval. It's not a cleanly structured datasheet.
    ️· Focus on Manufacturing: The datasheet emphasizes the manufacturing processes and handling procedures more than the electrical performance characteristics.

    1. Overview & Purpose

    ️· Product: MA4SW510B-1
    ️· Type: SP6T RF Switch (6-port single-pole switch)
    ️· Function: A high-performance RF switch used to route RF signals between multiple ports. It's a crucial component in applications like multi-band radios, test equipment, and phased array systems.
    ️· Key Features (implied from datasheet): Low Insertion Loss, High Isolation, Fast Switching Speed (not explicitly stated, but implied by design and application)

    2. Contact Information

    ️· North America: 800-366-2266
    ️· Europe: 44-1908-574-200
    ️· Asia-Pacific: 81-44-844-8296
    ️· Website: www.macom.com (for more information)

    3. Electrical Characteristics (Key Data Points - not comprehensive)

    ️· SP6T Configuration: Allows switching between six ports.
    ️· Datasheet emphasizes that device performance is dependent on proper biasing/control signals. (Not detailed in the document)
    ️· Biasing Required: The datasheet explicitly states proper biasing and control are necessary for operation but does not detail these.
    ️· Bonding Pads: The RF Bonding pads have dimensions .178 x .127 and DC Bond Pads are .127 x .127.
    ️· Chip Dimensions: (From Chip Outline Drawing)
    - A: 54-55 mils (1.37-1.40 mm)
    - B: 27-28 mils (0.69-0.71 mm)
    - C: 30-31 mils (0.76-0.79 mm)
    - D: 31-32 mils (0.79-0.81 mm)
    - E: 19-20 mils (0.48-0.51 mm)
    - F: 118.5-120.5 mils (3.01-3.06 mm)
    - G: 35-36 mils (0.89-0.91 mm)

    4. Manufacturing & Handling Recommendations

    ️· Cleanliness: Strict cleanliness is critical during handling and assembly.
    ️· Wire Bonding:
    - 0.00025" x 0.003" ribbon or 0.001" diameter gold wire is recommended.
    - Heat stage: 150°C
    - Force: 18-22 grams
    ️· Die Attachment:
    - Eutectic: Gold-tin (80/20) eutectic solder preform, specific temperature profile detailed.
    - Epoxy: Conductive epoxy, per manufacturer's instructions.
    ️· Metalization: Gold, 2.5µm thick.

    5. Ordering Information

    Part Number Package
    MA4SW510B-1 Waffle Pack

    6. Visuals & Diagrams

    ️· Schematic: A basic diagram showing the 6 ports (J1-J6).
    ️· Chip Outline Drawing: Detailed dimensions of the chip and pad locations.

    Important Considerations and Limitations of the Datasheet

    ️· Limited Electrical Data: The datasheet is weak on detailed electrical specifications (insertion loss, isolation, switching speed, impedance, frequency range, etc.). It *implies* good performance but doesn's give hard numbers.
    ️· Biasing/Control: The most critical missing information is the proper bias/control scheme to operate the switch. Without this, the device will not function.
    ️· Unusual Layout: The mix of tables and freeform text/diagrams is not ideal for easy information retrieval. It's not a cleanly structured datasheet.
    ️· Focus on Manufacturing: The datasheet emphasizes the manufacturing processes and handling procedures more than the electrical performance characteristics.

    Part No.MA4SW510B-1
    ManufacturerMA-COM
    Size531 Kbytes
    Pages7 pages
    DescriptionHMIC??Silicon PIN Diode Switch