Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N6497 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2N6497 Datasheet

  • # Example questions: ➢ How does the dc current gain (hfe) change when the collector current increases from 5a to 5a?
    ➢ What is the typical thermal resistance from junction to case (rth j-c) for this transistor?
    ➢ What is the maximum collector-emitter voltage (vceo) for the 2n6498 transistor?

  • Part No.2N6497
    ManufacturerISC
    Size199 Kbytes
    Pages2 pages
    Descriptionisc Silicon NPN Power Transistors
    Datasheet Summary with AI

    # INCHANGE Semiconductor - Silicon NPN Power Transistors 2N6497/6498/6499

    ## General Description

    · Designed for high voltage inverters, switching regulators, and line operated amplifier applications.
    · 2N6497: VCEO(SUS) = 250V(Min)
    · 2N6498: VCEO(SUS) = 300V(Min)
    · 2N6499: VCEO(SUS) = 350V(Min)
    · DC Current Gain: hFE = 10-75 @ IC = 2.5A

    ## Absolute Maximum Ratings (Ta=25℃)

    · VCBO (Collector-Base Voltage): 350V (2N6497), 400V (2N6498), 450V (2N6499)
    · VCEO (Collector-Emitter Voltage): 250V (2N6497), 300V (2N6498), 350V (2N6499)
    · VEBO (Emitter-Base Voltage): 6V
    · IC (Collector Current - Continuous): 5A
    · ICM (Collector Current - Peak): 10A
    · IB (Base Current): 2A
    · PD (Total Power Dissipation @ TC=25℃): 80W
    · Tj (Junction Temperature): 150℃
    · Tstg (Storage Temperature): -65~150℃

    ## Thermal Characteristics

    · Rth j-c (Thermal Resistance, Junction to Case): 1.56 ℃/W

    ## Electrical Characteristics (Tj=25℃)

    · VCE(sat)-1 (Collector-Emitter Saturation Voltage): 1.0V (2N6497), 1.25V (2N6498), 1.5V (2N6499) @ IC=2.5A; IB=0.5A
    · VCE(sat)-2 (Collector-Emitter Saturation Voltage): 5.0V @ IC=5A; IB=2A
    · VBE(sat)-1 (Base-Emitter Saturation Voltage): 1.5V @ IC=2.5A; IB=0.5A
    · VBE(sat)-2 (Base-Emitter Saturation Voltage): 2.5V @ IC=5A; IB=2A
    · ICEX (Collector Cutoff Current): 1.0 mA @ VCE=350V, VBE(off)=1.5V (2N6497)
    · IEBO (Emitter Cutoff Current): 1.0 mA @ VEB=6V, IC=0
    · hFE-1 (DC Current Gain): 10-75 @ IC=2.5A, VCE=10V
    · hFE-2 (DC Current Gain): 3 @ IC=5A, VCE=10V
    · fT (Current-Gain—Bandwidth Product): 5 MHz @ IC=0.25A, VCE=10V, ftest=1.0MHz
    · tr (Rise Time): 1.0 μs @ VCC=125V, tp=0.1ms, IC=2.5A, IB1= -IB2=0.5 A
    · tS (Storage Time): 2.5 μs
    · tf (Fall Time): 1.0 μs

    # INCHANGE Semiconductor - Silicon NPN Power Transistors 2N6497/6498/6499

    ## General Description

    · Designed for high voltage inverters, switching regulators, and line operated amplifier applications.
    · 2N6497: VCEO(SUS) = 250V(Min)
    · 2N6498: VCEO(SUS) = 300V(Min)
    · 2N6499: VCEO(SUS) = 350V(Min)
    · DC Current Gain: hFE = 10-75 @ IC = 2.5A

    ## Absolute Maximum Ratings (Ta=25℃)

    · VCBO (Collector-Base Voltage): 350V (2N6497), 400V (2N6498), 450V (2N6499)
    · VCEO (Collector-Emitter Voltage): 250V (2N6497), 300V (2N6498), 350V (2N6499)
    · VEBO (Emitter-Base Voltage): 6V
    · IC (Collector Current - Continuous): 5A
    · ICM (Collector Current - Peak): 10A
    · IB (Base Current): 2A
    · PD (Total Power Dissipation @ TC=25℃): 80W
    · Tj (Junction Temperature): 150℃
    · Tstg (Storage Temperature): -65~150℃

    ## Thermal Characteristics

    · Rth j-c (Thermal Resistance, Junction to Case): 1.56 ℃/W

    ## Electrical Characteristics (Tj=25℃)

    · VCE(sat)-1 (Collector-Emitter Saturation Voltage): 1.0V (2N6497), 1.25V (2N6498), 1.5V (2N6499) @ IC=2.5A; IB=0.5A
    · VCE(sat)-2 (Collector-Emitter Saturation Voltage): 5.0V @ IC=5A; IB=2A
    · VBE(sat)-1 (Base-Emitter Saturation Voltage): 1.5V @ IC=2.5A; IB=0.5A
    · VBE(sat)-2 (Base-Emitter Saturation Voltage): 2.5V @ IC=5A; IB=2A
    · ICEX (Collector Cutoff Current): 1.0 mA @ VCE=350V, VBE(off)=1.5V (2N6497)
    · IEBO (Emitter Cutoff Current): 1.0 mA @ VEB=6V, IC=0
    · hFE-1 (DC Current Gain): 10-75 @ IC=2.5A, VCE=10V
    · hFE-2 (DC Current Gain): 3 @ IC=5A, VCE=10V
    · fT (Current-Gain—Bandwidth Product): 5 MHz @ IC=0.25A, VCE=10V, ftest=1.0MHz
    · tr (Rise Time): 1.0 μs @ VCC=125V, tp=0.1ms, IC=2.5A, IB1= -IB2=0.5 A
    · tS (Storage Time): 2.5 μs
    · tf (Fall Time): 1.0 μs

    Part No.2N6497
    ManufacturerISC
    Size199 Kbytes
    Pages2 pages
    Descriptionisc Silicon NPN Power Transistors