| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SA1116 Datasheet
# Example questions:
➢ What is the typical dc current gain (hfe) when the collector current is -5a and vce is -4v?
➢ What is the minimum collector-emitter breakdown voltage (v(br)ceo) for this transistor?
➢ How much continuous collector current (ic) can this transistor handle?
# 2SA1116 Silicon PNP Power Transistor
## Description
· Collector-Emitter Breakdown Voltage: V(BR)CEO = -200V (Min.)
· High power dissipation
· Complement to Type 2SC2607
· General purpose applications
## Absolute Maximum Ratings (Ta = 25°C)
· VCBO (Collector-Base Voltage): -200V
· VCEO (Collector-Emitter Voltage): -200V
· VEBO (Emitter-Base Voltage): -6V
· IC (Continuous Collector Current): -15A
· IB (Continuous Base Current): -5A
· PC (Collector Power Dissipation @TC=25°C): 150W
· Tj (Junction Temperature): 150°C
· Tstg (Storage Temperature): -65~150°C
## Electrical Characteristics (Tj=25°C unless otherwise specified)
· V(BR)CEO (Collector-Emitter Breakdown Voltage): -200V (at IC = -50mA, IB = 0)
· VCE(sat) (Collector-Emitter Saturation Voltage): -3.0V (at IC = -10A, IB = -1A)
· ICBO (Collector Cutoff Current): -100μA (at VCB = -200V, IE = 0)
· IEBO (Emitter Cutoff Current): -100μA (at VEB = -6V, IC = 0)
· hFE (DC Current Gain): 30 (at IC = -5A, VCE = -4V)
· fT (Current-Gain—Bandwidth Product): 20 MHz (at IE = 0.5A, VCE = -12V)
## Switching Times
· tr (Rise Time): 0.3 μs
· tstg (Storage Time): 0.9 μs
· tf (Fall Time): 0.2 μs (at IC= -5A, RL= 12Ω, IB1=IB2= -0.5A, VCC= -60V)
## Website
· www.iscsemi.cn
# 2SA1116 Silicon PNP Power Transistor
## Description
· Collector-Emitter Breakdown Voltage: V(BR)CEO = -200V (Min.)
· High power dissipation
· Complement to Type 2SC2607
· General purpose applications
## Absolute Maximum Ratings (Ta = 25°C)
· VCBO (Collector-Base Voltage): -200V
· VCEO (Collector-Emitter Voltage): -200V
· VEBO (Emitter-Base Voltage): -6V
· IC (Continuous Collector Current): -15A
· IB (Continuous Base Current): -5A
· PC (Collector Power Dissipation @TC=25°C): 150W
· Tj (Junction Temperature): 150°C
· Tstg (Storage Temperature): -65~150°C
## Electrical Characteristics (Tj=25°C unless otherwise specified)
· V(BR)CEO (Collector-Emitter Breakdown Voltage): -200V (at IC = -50mA, IB = 0)
· VCE(sat) (Collector-Emitter Saturation Voltage): -3.0V (at IC = -10A, IB = -1A)
· ICBO (Collector Cutoff Current): -100μA (at VCB = -200V, IE = 0)
· IEBO (Emitter Cutoff Current): -100μA (at VEB = -6V, IC = 0)
· hFE (DC Current Gain): 30 (at IC = -5A, VCE = -4V)
· fT (Current-Gain—Bandwidth Product): 20 MHz (at IE = 0.5A, VCE = -12V)
## Switching Times
· tr (Rise Time): 0.3 μs
· tstg (Storage Time): 0.9 μs
· tf (Fall Time): 0.2 μs (at IC= -5A, RL= 12Ω, IB1=IB2= -0.5A, VCC= -60V)
## Website
· www.iscsemi.cn
| Part No. | 2SA1116 |
| Manufacturer | ISC |
| Size | 49 Kbytes |
| Pages | 2 pages |
| Description | isc Silicon PNP Power Transistor |