Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD7203F Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TPD7203F Datasheet

  • # Example questions: ➢ What is the maximum output on resistance (rsource) for the high-side outputs (uu, vu, wu) when a current of 0.5a is flowing and the pulse width is less than or equal to 10µs?
    ➢ What is the typical oscillating frequency (fosc) of the tpd7203f, and how is it calculated based on the external components rosc and cosc?
    ➢ What is the purpose of the fault pin and how long is the typical delay time (ton or toff) between a fault detection and the corresponding inversion of the fault output?

  • Part No.TPD7203F
    ManufacturerTOSHIBA
    Size862 Kbytes
    Pages19 pages
    DescriptionPower MOSFET Gate Driver for 3-Phase DC Motor
    Datasheet Summary with AI

    # TPD7203F Power MOSFET Gate Driver

    ## Features
    ️· Designed for 3-phase DC motor control
    ️· Includes a charge pump for high-side drive
    ️· Built-in power MOSFET protection (low-voltage protection)
    ️· SSOP-24 package with embossed-tape packing

    ## Pin Descriptions (Selected)
    ️· COSC: Connect 1500 pF capacitor (oscillation frequency)
    ️· ROSC: Connect 100 kΩ resistor (oscillation frequency)
    ️· IN1-IN6: Inputs controlling power MOSFETs (built-in pull-down resistor 100kΩ)
    ️· FAULT: Diagnosis output (low when low-voltage detected)
    ️· CP1/CP2: Charge pump capacitors (0.47 μF ceramic)
    ️· CPV: Final stage charge pump capacitor (1 μF ceramic + 10 μF electrolytic)

    ## Electrical Characteristics (Key Specs)
    ️· VDD: 7-18V
    ️· VCPV: 30-35V
    ️· IDD: Up to 100mA (depending on conditions)

    ️· VOH: VCPV - 2V to VCPV
    ️· VOL: Up to 0.1V

    ## Absolute Maximum Ratings
    ️· VDD: -0.5 to 30V
    ️· Operating Temperature: -40 to 125°C
    ️· Storage Temperature: -40 to 150°C

    ## Truth Table
    ️· Logic controls power MOSFETs. High-side/low-side arm shorting mode disables outputs and sets FAULT high.

    ## Test Circuits
    ️· Available for IDD, VIH, VIL, VOH, VOL, VCPV, VFAULT, Switching times.

    # TPD7203F Power MOSFET Gate Driver

    ## Features
    ️· Designed for 3-phase DC motor control
    ️· Includes a charge pump for high-side drive
    ️· Built-in power MOSFET protection (low-voltage protection)
    ️· SSOP-24 package with embossed-tape packing

    ## Pin Descriptions (Selected)
    ️· COSC: Connect 1500 pF capacitor (oscillation frequency)
    ️· ROSC: Connect 100 kΩ resistor (oscillation frequency)
    ️· IN1-IN6: Inputs controlling power MOSFETs (built-in pull-down resistor 100kΩ)
    ️· FAULT: Diagnosis output (low when low-voltage detected)
    ️· CP1/CP2: Charge pump capacitors (0.47 μF ceramic)
    ️· CPV: Final stage charge pump capacitor (1 μF ceramic + 10 μF electrolytic)

    ## Electrical Characteristics (Key Specs)
    ️· VDD: 7-18V
    ️· VCPV: 30-35V
    ️· IDD: Up to 100mA (depending on conditions)
    ️· VOH: VCPV - 2V to VCPV
    ️· VOL: Up to 0.1V

    ## Absolute Maximum Ratings
    ️· VDD: -0.5 to 30V
    ️· Operating Temperature: -40 to 125°C
    ️· Storage Temperature: -40 to 150°C

    ## Truth Table
    ️· Logic controls power MOSFETs. High-side/low-side arm shorting mode disables outputs and sets FAULT high.

    ## Test Circuits
    ️· Available for IDD, VIH, VIL, VOH, VOL, VCPV, VFAULT, Switching times.

    Part No.TPD7203F
    ManufacturerTOSHIBA
    Size862 Kbytes
    Pages19 pages
    DescriptionPower MOSFET Gate Driver for 3-Phase DC Motor