Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6382DTR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about L6382DTR Datasheet

  • # Example questions: ➢ How many columns appear to be fully populated with data in the provided table?
    ➢ What does 'hsd' likely represent in the context of this device?
    ➢ The table lists several abbreviations (e.g., ocp, pfd). what general function do these likely serve in the device?

  • Part No.L6382DTR
    ManufacturerSTMICROELECTRONICS
    Size256 Kbytes
    Pages14 pages
    DescriptionPower management unit for microcontrolled ballast
    Datasheet Summary with AI

    This is a very long and complex table! It appears to be a detailed schematic or diagram representing a circuit or system, likely related to power control or ballasting (given the mention of "DIM" and "VOLTAGE"). Here's a breakdown of what I can discern and some key observations:

    Overall Structure:

    ️· Table Format: The data is presented in a tabular format, with many rows and columns. Each cell seems to hold a label or value associated with a specific component or connection.
    ️· Repetitive Elements: There's a lot of repetition, especially of the long string: `S R Q SHIFT 600V LEVEL 3.3V HSD LSD OCP PFD HED BOOTSTRAP S R Q Q mP UVLO ON L O G I C 3.3V SUPPLY >600V “ON” “OFF” IC BIAS TPR PSW DIM HIGH VOLTAGE START-UP GENERATOR`. This strongly suggests that this block of text represents a consistent set of parameters or connections within different parts of the system.
    ️· Hierarchical Structure (Possible): The repeating block, combined with the variations in the last few columns (like "STAR", "PSW", "LOGI", and the multiple "LOGI" columns), hints at a hierarchical or modular design. Perhaps the repeating block is a core unit, and the variations at the end represent different configurations or outputs.

    Key Elements (Based on Labels):

    ️· S, R, Q: These likely represent elements of a sequential logic circuit – possibly a flip-flop or latch (Set, Reset, Output).
    ️· SHIFT, 600V, 3.3V: Indicate voltage levels and possibly a shifting mechanism.
    ️· HSD, LSD: Could be High-Side Driver and Low-Side Driver – components used to control power flow.
    ️· OCP, PFD, HED: Likely acronyms for Over Current Protection, Phase Fault Detection, and High Electromagnetic Discharge, respectively, suggesting protection features within the system.
    ️· BOOTSTRAP: A common circuit technique to create a higher voltage than the supply voltage, perhaps for driving certain components.
    ️· mP UVLO: Microprocessor Under Voltage Lockout, a safety feature.
    ️· L O G I C: Generic label.
    ️· IC BIAS: Indicates biasing circuits for integrated circuits.
    ️· TPR, PSW, DIM: Could be related to tuning, power saving, or dimming control.
    ️· HIGH VOLTAGE, START-UP, GENERATOR: Suggests a circuit involved in supplying high voltage or starting a generator/system.

    ️· STAR: Possibly a connection point or a star topology.



    What it likely represents:

    Based on the acronyms and terms, this schematic very likely represents a power supply or ballast circuit. A ballast circuit is commonly used with fluorescent or HID (High-Intensity Discharge) lamps. The complexity suggests it's a sophisticated design with built-in protection, dimming capabilities, and voltage regulation.

    To understand it fully, you would need:

    ️· A legend or key: Explaining what each acronym and symbol means.
    ️· Context: What the system is used for.
    ️· A schematic diagram: A graphical representation of the circuit would be much easier to interpret than this raw table.

    In summary, this table is a highly detailed, but dense, representation of a complex electronic circuit likely related to power control, possibly for lighting or industrial applications. It would require significant expertise and supporting documentation to fully decipher.

    This is a very long and complex table! It appears to be a detailed schematic or diagram representing a circuit or system, likely related to power control or ballasting (given the mention of "DIM" and "VOLTAGE"). Here's a breakdown of what I can discern and some key observations:

    Overall Structure:

    ️· Table Format: The data is presented in a tabular format, with many rows and columns. Each cell seems to hold a label or value associated with a specific component or connection.
    ️· Repetitive Elements: There's a lot of repetition, especially of the long string: `S R Q SHIFT 600V LEVEL 3.3V HSD LSD OCP PFD HED BOOTSTRAP S R Q Q mP UVLO ON L O G I C 3.3V SUPPLY >600V “ON” “OFF” IC BIAS TPR PSW DIM HIGH VOLTAGE START-UP GENERATOR`. This strongly suggests that this block of text represents a consistent set of parameters or connections within different parts of the system.
    ️· Hierarchical Structure (Possible): The repeating block, combined with the variations in the last few columns (like "STAR", "PSW", "LOGI", and the multiple "LOGI" columns), hints at a hierarchical or modular design. Perhaps the repeating block is a core unit, and the variations at the end represent different configurations or outputs.

    Key Elements (Based on Labels):

    ️· S, R, Q: These likely represent elements of a sequential logic circuit – possibly a flip-flop or latch (Set, Reset, Output).
    ️· SHIFT, 600V, 3.3V: Indicate voltage levels and possibly a shifting mechanism.
    ️· HSD, LSD: Could be High-Side Driver and Low-Side Driver – components used to control power flow.
    ️· OCP, PFD, HED: Likely acronyms for Over Current Protection, Phase Fault Detection, and High Electromagnetic Discharge, respectively, suggesting protection features within the system.
    ️· BOOTSTRAP: A common circuit technique to create a higher voltage than the supply voltage, perhaps for driving certain components.
    ️· mP UVLO: Microprocessor Under Voltage Lockout, a safety feature.
    ️· L O G I C: Generic label.
    ️· IC BIAS: Indicates biasing circuits for integrated circuits.
    ️· TPR, PSW, DIM: Could be related to tuning, power saving, or dimming control.
    ️· HIGH VOLTAGE, START-UP, GENERATOR: Suggests a circuit involved in supplying high voltage or starting a generator/system.
    ️· STAR: Possibly a connection point or a star topology.



    What it likely represents:

    Based on the acronyms and terms, this schematic very likely represents a power supply or ballast circuit. A ballast circuit is commonly used with fluorescent or HID (High-Intensity Discharge) lamps. The complexity suggests it's a sophisticated design with built-in protection, dimming capabilities, and voltage regulation.

    To understand it fully, you would need:

    ️· A legend or key: Explaining what each acronym and symbol means.
    ️· Context: What the system is used for.
    ️· A schematic diagram: A graphical representation of the circuit would be much easier to interpret than this raw table.

    In summary, this table is a highly detailed, but dense, representation of a complex electronic circuit likely related to power control, possibly for lighting or industrial applications. It would require significant expertise and supporting documentation to fully decipher.

    Part No.L6382DTR
    ManufacturerSTMICROELECTRONICS
    Size256 Kbytes
    Pages14 pages
    DescriptionPower management unit for microcontrolled ballast