Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1531 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AS1531 Datasheet

  • # Example questions: ➢ What are the minimum and maximum serial clock frequencies (fsclk) for both the as1530 and as1531?
    ➢ What is the difference in signal-to-noise plus distortion ratio (sinad) between the as1530 and as1531?
    ➢ What is the typical ref output voltage for both the as1530 and as1531, and what is the ref short-circuit current?

  • Part No.AS1531
    ManufacturerAMSCO
    Size980 Kbytes
    Pages29 pages
    Description12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
    Datasheet Summary with AI

    1. Overview

    ️· AS1530 & AS1531: These are both Analog-to-Digital Converters (ADCs) from austriamicrosystems. They appear to be targeted at similar applications, but with key differences in their specifications.

    2. Key Differences (AS1530 vs AS1531)

    Feature AS1530 AS1531
    Sampling Rate (Conversion Rate) 300 ksps (kilo samples per second) 300 ksps
    Clock Frequency 4.8 MHz 4.8 MHz
    Supply Voltage (Vdd) 5V 2.7 - 3.6V
    Resolution 12 bits 12 bits
    SINAD 70 dB 70 dB
    THD -81 dB -81 dB
    SFDR 84 dB 84 dB
    Full Linear Bandwidth 350 kHz 350 kHz
    Track/Hold Acquisition Time 520 ns 520 ns
    Supply Voltage Range Higher voltage requirement. Lower voltage requirement - important for power-sensitive applications.
    Conversion Time 3.3 µs 3.3 µs

    3. Detailed Parameters & Explanations


    ️· Resolution: 12-bit resolution means the ADC can represent analog signals with 2<sup>12</sup> = 4096 distinct levels. Higher resolution provides finer granularity in representing the analog signal.
    ️· Sampling Rate (Conversion Rate): How many times per second the ADC takes a measurement of the analog signal. Both are 300 ksps.
    ️· SINAD (Signal-to-Noise plus Distortion Ratio): A measure of the quality of the digital output. Higher is better. It relates the signal power to the combined noise and distortion power. 70dB means the signal is 70dB stronger than the noise and distortion.
    ️· THD (Total Harmonic Distortion): A measure of the unwanted harmonic frequencies introduced by the ADC. Lower is better.
    ️· SFDR (Spurious-Free Dynamic Range): The difference between the level of the desired signal and the level of the largest spurious signal. A larger SFDR indicates lower levels of unwanted signals.
    ️· Full Linear Bandwidth: The range of input frequencies over which the ADC's performance remains linear.
    ️· Track/Hold Acquisition Time: The time the ADC needs to settle before a conversion takes place.
    ️· Aperture Jitter: Variation in the timing of the sample window.
    ️· Input Voltage Range: The range of analog voltages that the ADC can accurately convert.
    ️· Multiplexer Leakage Current: Small current that can flow through the ADC's internal multiplexer when it's not actively sampling.
    ️· Internal Reference Voltage (VREF): The reference voltage used internally within the ADC. This voltage is critical for determining the ADC's full-scale range.

    4. Implications of Differences

    ️· Power Consumption: The AS1531's lower supply voltage range makes it more suitable for battery-powered applications where minimizing power consumption is critical.
    ️· Flexibility: The lower supply voltage range of the AS1531 makes it more flexible in terms of power source options.

    In short: Both are very similar ADCs, but the main distinction is in the supply voltage requirements. The AS1531 is designed for lower voltage operation.

    1. Overview

    ️· AS1530 & AS1531: These are both Analog-to-Digital Converters (ADCs) from austriamicrosystems. They appear to be targeted at similar applications, but with key differences in their specifications.

    2. Key Differences (AS1530 vs AS1531)

    Feature AS1530 AS1531
    Sampling Rate (Conversion Rate) 300 ksps (kilo samples per second) 300 ksps
    Clock Frequency 4.8 MHz 4.8 MHz
    Supply Voltage (Vdd) 5V 2.7 - 3.6V
    Resolution 12 bits 12 bits
    SINAD 70 dB 70 dB
    THD -81 dB -81 dB
    SFDR 84 dB 84 dB
    Full Linear Bandwidth 350 kHz 350 kHz
    Track/Hold Acquisition Time 520 ns 520 ns
    Supply Voltage Range Higher voltage requirement. Lower voltage requirement - important for power-sensitive applications.
    Conversion Time 3.3 µs 3.3 µs

    3. Detailed Parameters & Explanations


    ️· Resolution: 12-bit resolution means the ADC can represent analog signals with 2<sup>12</sup> = 4096 distinct levels. Higher resolution provides finer granularity in representing the analog signal.
    ️· Sampling Rate (Conversion Rate): How many times per second the ADC takes a measurement of the analog signal. Both are 300 ksps.
    ️· SINAD (Signal-to-Noise plus Distortion Ratio): A measure of the quality of the digital output. Higher is better. It relates the signal power to the combined noise and distortion power. 70dB means the signal is 70dB stronger than the noise and distortion.
    ️· THD (Total Harmonic Distortion): A measure of the unwanted harmonic frequencies introduced by the ADC. Lower is better.
    ️· SFDR (Spurious-Free Dynamic Range): The difference between the level of the desired signal and the level of the largest spurious signal. A larger SFDR indicates lower levels of unwanted signals.
    ️· Full Linear Bandwidth: The range of input frequencies over which the ADC's performance remains linear.
    ️· Track/Hold Acquisition Time: The time the ADC needs to settle before a conversion takes place.
    ️· Aperture Jitter: Variation in the timing of the sample window.
    ️· Input Voltage Range: The range of analog voltages that the ADC can accurately convert.
    ️· Multiplexer Leakage Current: Small current that can flow through the ADC's internal multiplexer when it's not actively sampling.
    ️· Internal Reference Voltage (VREF): The reference voltage used internally within the ADC. This voltage is critical for determining the ADC's full-scale range.

    4. Implications of Differences

    ️· Power Consumption: The AS1531's lower supply voltage range makes it more suitable for battery-powered applications where minimizing power consumption is critical.
    ️· Flexibility: The lower supply voltage range of the AS1531 makes it more flexible in terms of power source options.

    In short: Both are very similar ADCs, but the main distinction is in the supply voltage requirements. The AS1531 is designed for lower voltage operation.

    Part No.AS1531
    ManufacturerAMSCO
    Size980 Kbytes
    Pages29 pages
    Description12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters