| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72324J Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72324J Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 156 page ![]() ST72324J/K 36/156 INTERRUPTS (Cont’d) Figure 22. External Interrupt Control bits IS10 IS11 EICR SENSITIVITY CONTROL PBOR.3 PBDDR.3 IPB BIT PB3 ei2 INTERRUPT SOURCE PORT B [3:0] INTERRUPTS PB3 PB2 PB1 PB0 IS10 IS11 EICR SENSITIVITY CONTROL PBOR.7 PBDDR.7 PB7 ei3 INTERRUPT SOURCE PORT B [7:4] INTERRUPTS PB7 PB6 PB5 PB4 IS20 IS21 EICR SENSITIVITY CONTROL PAOR.3 PADDR.3 IPA BIT PA3 ei0 INTERRUPT SOURCE PORT A3 INTERRUPT IS20 IS21 EICR SENSITIVITY CONTROL PFOR.2 PFDDR.2 PF2 ei1 INTERRUPT SOURCE PORT F [2:0] INTERRUPTS PF2 PF1 PF0 |