Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CCR-53S8D-R Fiches technique(PDF) 4 Page - Teledyne Technologies Incorporated

No de pièce CCR-53S8D-R
Description  Latching SPDT Coaxial Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-53S8D-R Fiches technique(HTML) 4 Page - Teledyne Technologies Incorporated

  CCR-53S8D-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCR-53S8D-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCR-53S8D-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCR-53S8D-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCR-53S8D-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-53S8D-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-53S8D-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-53S8D-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-53S8D-R Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CCR-53S/CR-53S Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2015 TELEDYNE COAX SWITCHES
CCR-53S\CR-53S\092015\Q3
Series CCR-53S/CR-53S
Miniature DC–26.5 GHz
Latching SPDT Coaxial Switch
COAX SWITCHES
TYPICAL NARROWBAND RF ISOLATION PERFORMANCE CURVES
tYpical
maximum test limit
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency ( GHz )
Isolation ( DC-4 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
4
4.5
5
5.5
6
6.5
7
7.5
8
Frequency ( GHz )
Isolation ( 4-8 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
8
8.5
9
9.5
10
10.5
11
11.5
12
Frequency ( GHz )
Isolation ( 8-12 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
20
21
22
23
24
25
26
Frequency ( GHz )
Isolation ( 20-26.5 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
12
12.5
13
13.5
14
14.5
15
15.5
16
Frequency ( GHz )
Isolation ( 12-16 GHz )
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
16
16.5
17
17.5
18
18.5
19
19.5
20
Frequency ( GHz )
Isolation ( 16-20 GHz )



Html Pages

1 2 3 4 5 6 7 8 9