| Moteur de recherche de fiches techniques de composants électroniques |
|
S30RCE Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
S30RCE Fiches technique(HTML) 3 Page - Vishay Siliconix |
|
3 / 3 page ![]() www.vishay.com 167 S30R / A30R, S30V / A30V Vishay Thin Film Document Number: 60073 Revision 01-May-03 VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 • ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 • SINGAPORE +65.788.6668 FAX: +65.788.0988 • SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081 Center Tap Chip Resistor Chip Ratio TCR Ohmic Absolute Element Substrate Type/Size Tolerance Characteristic Value Tolerance Technology S = Silicon Center Tap S = ±2.0% The first three digits B = ±0.1% N = Tamelox® (Si0 2) Chip Resistors (Standard) E = ±25 ppm/°C are significant figures C = ±0.2% Gold Pads 30R = (0.030 x 0.030), A = ±1.0% C = ±50 ppm/°C and the last digit D = ±0.5% T =Ta 2N with Equal value D = ±0.5% K = ± 100ppm/°C specifies the number F = ±1.0% Gold Pads C = ±0.2% of zeros to follow. G = ±2.0% A = Alumina 30V = (0.030 x 0.030) B = ±0.1% NOTES: Example: J = ±5.0% Al 2O3 Unequal Value Best available 1R00 = 1 ohm M = Values (99.6% N = under 100 ohms 10R0 = 10 ohms less than 10 purity) Not Applicable ±100 ppm/°C 12R5 = 12.5 ohms ohms use 1000 = 100 ohms ±1 ohm 1001 = 1000 ohms X = Special NOTE: For Unequal values (S30V, S30I Styles) List Both Nominals Example: 25K/10K = 2502/1002 Max. Value/Resistor on Alumina is: A30 26K/26K Tamelox® Film How to Order Example: S3ORSC1002FN is a 30 mil square center tap chip resistor on silicon with a TCR of ±50 ppm/°C, resistance value of 10K ohms, and absolute tolerance of ±1%, Tamelox® Resistor Film. Gold pads. |