| Moteur de recherche de fiches techniques de composants électroniques |
|
PM9604/5APA Fiches technique(PDF) 5 Page - Sames |
|
|
|||||||||||||||||||||||||||||
PM9604/5APA Fiches technique(HTML) 5 Page - Sames |
|
5 / 14 page ![]() PM9604/5AP sames 5/14 6. Jumper Configurations The jumper configufations required for the two devices types are shown below: JUMPER POSITION SA9604A SA9605A NOTES JP1 1 - 2 Insert Insert JP2 1 - 2 Insert Insert Note 1 JP3 1 - 2 Insert Insert JP4 1 - 2 Remove Insert (FOUT1) 2 - 3 Remove Insert (FOUT2) Note 2 3 - 4 Insert (SCK) Remove JP5 1 - 2 Remove Insert (PGM1=1) Note 3 2 - 3 Insert (CS) Remove (PGM1=0) JP6 1 - 2 Remove Insert (PGM0=1) Note 3 2 - 3 Insert (DI) Remove (PGM0=0) JP7 1 - 2 Remove Insert Note 1: The removal of the link on the current sensor input must only be performed during calibration. Note 2: Only one of the two output pulse signals on the SA9605A may be selected at any one time using this module. In a users application both of these signals may be used. Note 3: The SA9605A I.C. has on-board pull-down resistors, pull-up connection to VDD is, therefore, the only connection which must be catered for. |