Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OVS5MBBCR4 Fiches technique(PDF) 11 Page - TT Electronics.

No de pièce OVS5MBBCR4
Description  Robust energy-efficient design with long operating life
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Fiches technique(HTML) 11 Page - TT Electronics.

Back Button OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 9Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 10Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 11Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 12Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 13Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© TT electronics plc
Issue B
11/2016
Page 11
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVS5MxBCR4 Series
Carrier Tape Dimensions: Loaded quantity 1000 pieces per reel
Reel Dimensions: 7-inch reel
Moisture Resistant Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13