| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP08C01MSEJ Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MSP08C01MSEJ Fiches technique(HTML) 3 Page - Vishay Siliconix |
|
3 / 5 page ![]() MSP www.vishay.com Vishay Dale Revision: 13-Feb-15 3 Document Number: 31510 For technical questions, contact: ff2aresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DERATING CIRCUIT APPLICATIONS 01 Schematic 5, 7, 8 (1), or 9 resistors with one pin common The MSPxxx01 circuit contains 5, 7, 8 (1), or 9 nominally equal resistors, each connected between a common pin (pin no. 1) and a discrete PC board pin. Commonly used in the following applications: • “Wired OR” Pull-up • Power Gate Pull-up • TTL Input Pull-down • MOS/ROM Pull-up/Pull-down • Open Collector Pull-up • TTL Unused Gate Pull-up Note (1) Available in “A” Profile only Standard E-24 resistance values stocked. Consult factory. 03 Schematic 3, 4 or 5 isolated resistors The MSPxxx03 circuit contains 3, 4, or 5 resistors of nominally equal value in a compact package. Each resistor is connected to two discrete PC pins. Standard E-24 resistance values stocked. Consult factory. 05 Schematic Pulse squaring and TTL dual-line terminators The MSPxxx05 circuits contain 4, 6, 7 (2), or 8 series pair of resistors. Each series pair is connected between two common lines. The junction of these resistor pairs is connected to the input terminals. The 05 circuits are designed for TTL dual-line termination and pulse squaring. Note (2) Available in “A” Profile only Many dual terminator resistance values stocked. Consult factory. 1 2 3 n-1 n 1 2 3 4 n-1 n 1 2 3 n-1 n R2 R1 Single Resistor 03 01 and 05 0.30 - 50 + 25 + 70 + 125 + 150 Derating Ambient Temperature °C 0.45 1.15 1.50 1.90 MSP06A Package MSP08A Package MSP10A Package “A” Profile Single Resistor 03 01 and 05 0.38 - 50 + 25 + 70 + 125 + 150 Derating Ambient Temperature C 0.60 1.50 2.00 2.50 MSP06C Package MSP08C Package MSP10C Package “C” Profile 3.00 |