| Moteur de recherche de fiches techniques de composants électroniques |
|
MPMA1002CT5 Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MPMA1002CT5 Fiches technique(HTML) 3 Page - Vishay Siliconix |
|
3 / 4 page ![]() MPMA (Divider) www.vishay.com Vishay Dale Thin Film Revision: 03-Nov-15 3 Document Number: 60113 For technical questions, contact: thinfilm@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Preferred packaging code GLOBAL PART NUMBER INFORMATION New Global Part Numbering: MPMA1003AWS GLOBAL MODEL (3 or 4 digits) RESISTANCE (4 or 8 digits) TOLERANCE AND RATIO TOLERANCE PACKAGING MPMA Ni/Pd/Au = e4 termination First 3 digits are significant figures and the last digit specifies the number of zeros to follow. When like values are required use total resistance. When dual values are required list both values. Example: (List R1 first in part number with dual values) 1002 = 10K (5K/5K) 1003 = 100K (50K/50K) 10011002 = 1K/10K divider Abs. Tol. A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1 % Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % TAPE AND REEL T1 = 1000 min., 1000 mult (1) T5 = 500 min., 500 mult TF = Full reel 4000 TP = 100 min., 1 mult (package unit single lot date code) TS = 100 min., 1 mult P M 1001 M 01 T A 5 0A1 P M 100 M T A 3 A1 |