Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L2-R33-10 Fiches technique(PDF) 6 Page - Superworld Electronics

No de pièce L2-R33-10
Description  Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2-R33-10 Fiches technique(HTML) 6 Page - Superworld Electronics

  L2-R33-10 Datasheet HTML 1Page - Superworld Electronics L2-R33-10 Datasheet HTML 2Page - Superworld Electronics L2-R33-10 Datasheet HTML 3Page - Superworld Electronics L2-R33-10 Datasheet HTML 4Page - Superworld Electronics L2-R33-10 Datasheet HTML 5Page - Superworld Electronics L2-R33-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Chip Inductors – L2 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
14/08/2017
P6
9-3. Packaging Quantity
Size
160808
Chip/ Reel
4000
Inner Box
20000
Middle Box
100000
Carton
200000
9-4. Tearing Off Force
Application Notice:
1. Storage Conditions:
To maintain the solderabililty of terminal electrodes:
a) Recommended products should be used within 12 months from the time of delivery.
b) The packaging material should be kept where no chlorine or sulfur exists in the air.
2. Transportation:
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
b) Vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
The force for tearing off cover tape is 15 to 60 grams in the arrow
direction under the following conditions.
Room Temp
(°C)
Room
Humidity (%)
Room atm
(hPa)
Tearing Speed
(mm/min)
5 - 35
45 - 85
860 - 1060
300



Html Pages

1 2 3 4 5 6