| Moteur de recherche de fiches techniques de composants électroniques |
|
LAP476-R1T1-24-F Fiches technique(PDF) 17 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LAP476-R1T1-24-F Fiches technique(HTML) 17 Page - OSRAM GmbH |
|
17 / 21 page ![]() Version 1.0 LA P476 2015-01-19 17 Transportation Packing and Materials Kartonverpackung und Materialien Dimensions of transportation box in mm Width Length Height Breite Länge Höhe 200 ± 5 195 ± 5 30 ± 5 OHA02044 OSRAM Packing Sealing label Barcode label Moisture Level 3 Floor time 168 Hours Moisture Level 6 Floor time 6 Hours a) Humidity Indicator Card is > 10% when read at 23 ˚C ± 5 ˚C, or reflow, vapor-phase reflow, or equivalent processing (peak package 2. After this bag is opened, devices that will be subjected to infrared 1. Shelf life in sealed bag: 24 months at < 40 ˚C and < 90% relative humidity (RH). Moisture Level 5a at factory conditions of (if blank, seal date is identical with date code). a) Mounted within b) Stored at body temp. 3. Devices require baking, before mounting, if: Bag seal date Moisture Level 1 Moisture Level 2 Moisture Level 2a 4. If baking is required, b) 2a or 2b is not met. Date and time opened: reference IPC/JEDEC J-STD-033 for bake procedure. Floor time see below If blank, see bar code label Floor time > 1 Year Floor time 1 Year Floor time 4 Weeks 10% RH. _ < Moisture Level 4 Moisture Level 5 ˚C). OPTO SEMICONDUCTORS MOISTURE SENSITIVE This bag contains CAUTION Floor time 72 Hours Floor time 48 Hours Floor time 24 Hours 30 ˚C/60% RH. _ < LEVEL If blank, see bar code label Barcode label |