Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24AC64DPTH Fiches technique(PDF) 15 Page - ACE Technology Co., LTD.

No de pièce ACE24AC64DPTH
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC64DPTH Fiches technique(HTML) 15 Page - ACE Technology Co., LTD.

Back Button ACE24AC64DPTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE24AC64DPTH Datasheet HTML 17Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ACE24AC64
Two-wire Serial EEPROM
VER 1.1
15
Packaging information
TDFN-8
Symbol
Dimensions In Millimeters
Min
Nom
Max
A
0.70
0.75
0.80
A1
0.02
0.05
b
0.18
0.25
0.03
c
0.18
0.20
0.25
D
1.90
2.00
2.10
D2
1.50REF
e
0.50BSC
Nd
1.50BSC
E
2.90
3.00
3.10
E2
1.60REF
L
0.30
0.40
0.50
h
0.20
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17