Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24CP02C Fiches technique(PDF) 5 Page - ACE Technology Co., LTD.

No de pièce ACE24CP02C
Description  I2C-Compatible Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24CP02C Fiches technique(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24CP02C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24CP02C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ACE24CP02C
I
2
C-Compatible Serial EEPROM
VER 1.1
5
Note: The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal
clear/write cycle.
Device Operation
Data Input
The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during
SCL low time periods (see to Figure 3). Data changes during SCL high periods will indicate a start or stop
condition as defined below.
Figure1:Bus Timing
Figure2:Write Cycle Timing
Figure3:Data Validity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12