Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE24AC02A1 Fiches technique(PDF) 3 Page - ACE Technology Co., LTD.

No de pièce ACE24AC02A1
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC02A1 Fiches technique(HTML) 3 Page - ACE Technology Co., LTD.

  ACE24AC02A1 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC02A1 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC02A1 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC02A1 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC02A1 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC02A1 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC02A1 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC02A1 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC02A1 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ACE24AC02A1
Two-wire Serial EEPROM
VER 1.4
3
Block Diagram
Pin Description
A.
Serial Clock (SCL)
The rising edge of this SCL input is to latch data into the EEPROM device while the falling edge of
this clock is to clock data out of the EEPROM device.
B.
Serial Data Line (SDA)
SDA data line is a bi-directional signal for the serial devices. It is an open drain output signal and can
be wired-OR with other open-drain output devices.
Memory Organization
The ACE24AC02A1 devices have 16 pages. Since each page has 16 bytes, random word addressing
to ACE24AC02A1 will require 8 bits data word addresses.
Device Operation
A.
Serial Clock And Data Transitions
The SDA pin is typically pulled to high by an external resistor. Data is allowed to change only when
Serial clock SCL is at VIL. Any SDA signal transition may interpret as either a start or stop condition
as described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17