Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FN14074 Fiches technique(PDF) 48 Page - Ledil, Inc.

No de pièce FN14074
Description  Stella series
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14074 Fiches technique(HTML) 48 Page - Ledil, Inc.

Back Button FN14074 Datasheet HTML 40Page - Ledil, Inc. FN14074 Datasheet HTML 41Page - Ledil, Inc. FN14074 Datasheet HTML 42Page - Ledil, Inc. FN14074 Datasheet HTML 43Page - Ledil, Inc. FN14074 Datasheet HTML 44Page - Ledil, Inc. FN14074 Datasheet HTML 45Page - Ledil, Inc. FN14074 Datasheet HTML 46Page - Ledil, Inc. FN14074 Datasheet HTML 47Page - Ledil, Inc. FN14074 Datasheet HTML 48Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48