| Moteur de recherche de fiches techniques de composants électroniques |
|
CCP-47NXD-RMS Fiches technique(PDF) 4 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CCP-47NXD-RMS Fiches technique(HTML) 4 Page - Teledyne Technologies Incorporated |
|
4 / 6 page ![]() CCP-47N Page 4 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCP-47N\072013\Q3 Series CCP-47N Low PIM DC–3 GHz Latching TRANSFER Coaxial Switch COAX SWITCHES Power Handling vs. Frequency Estimates based on the following reference conditions: • Ambient temperature of 40°C or less • Sea level operation • Load VSWR of 1.30:1 maximum • No high-power (hot) switching Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions. TYPICAL POWER PERFORMANCE CURVE 3000 Frequency GHz 2000 1000 800 600 400 300 200 100 80 60 40 30 20 10 .1 .2 .3 .4 .6 .8 1 2 STANDARD N SWITCHES 3 |