| Moteur de recherche de fiches techniques de composants électroniques |
|
M5451B7 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M5451B7 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() M5450, M5451 2/12 Figure 2. Pin Connection Figure 3. Block Diagram 1 2 3 4 5 6 7 8 9 10 11 12 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 13 14 15 16 17 18 19 20 24 23 22 21 OUTPUT BIT 17 OUTPUT BIT 16 OUTPUT BIT 15 OUTPUT BIT 14 OUTPUT BIT 13 OUTPUT BIT 12 OUTPUT BIT 11 OUTPUT BIT 10 OUTPUT BIT 9 OUTPUT BIT 8 OUTPUT BIT 7 OUTPUT BIT 6 OUTPUT BIT 5 OUTPUT BIT 4 OUTPUT BIT 3 OUTPUT BIT 2 OUTPUT BIT 1 BRIGHTNESS CONTROL OUTPUT BIT 18 OUTPUT BIT 19 OUTPUT BIT 20 OUTPUT BIT 21 OUTPUT BIT 22 OUTPUT BIT 23 OUTPUT BIT 24 OUTPUT BIT 25 OUTPUT BIT 26 OUTPUT BIT 27 OUTPUT BIT 28 OUTPUT BIT 29 OUTPUT BIT 30 OUTPUT BIT 31 OUTPUT BIT 32 OUTPUT BIT 33 OUTPUT BIT 34 DATA ENABLE FOR M5450 OUTPUT BIT 35 FOR M5451 DATA IN CLOCK IN V DD VSS 9 10 11 12 13 14 15 16 17 29 30 31 32 33 34 35 36 37 7 8 38 39 OUTPUT BIT 13 OUTPUT BIT 12 OUTPUT BIT 11 OUTPUT BIT 10 OUTPUT BIT 9 OUTPUT BIT 8 OUTPUT BIT 7 N.C. OUTPUT BIT 6 OUTPUT BIT 32 N.C. OUTPUT BIT 31 OUTPUT BIT 30 OUTPUT BIT 29 OUTPUT BIT 28 OUTPUT BIT 27 OUTPUT BIT 26 OUTPUT BIT 25 OUTPUT BIT 24 OUTPUT BIT 23 OUTPUT BIT 5 OUTPUT BIT 4 35 OUTPUT BUFFERS 1 18 19 20 24 VDD 35 LATCHES 35-BIT SHIFT REGISTER 21 22 23 RESET LOAD SERIAL DATA CLOCK DATA ENABLE (M5450) OUTPUT35 (5451) BRIGTHNESS CONTROL OUTPUT BIT 34 100k Ω OUTPUT BIT 1 |