| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC2413IGN Fiches technique(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2413IGN Fiches technique(HTML) 6 Page - Linear Technology |
|
6 / 44 page ![]() LTC2413 6 sn2413 2413fs TYPICAL PERFOR A CE CHARACTERISTICS Total Unadjusted Error vs Temperature (VCC = 2.7V, VREF = 2.5V) Total Unadjusted Error vs Temperature (VCC = 5V, VREF = 2.5V) Total Unadjusted Error vs Temperature (VCC = 5V, VREF = 5V) Integral Nonlinearity vs Temperature (VCC = 2.7V, VREF = 2.5V) Integral Nonlinearity vs Temperature (VCC = 5V, VREF = 2.5V) Integral Nonlinearity vs Temperature (VCC = 5V, VREF = 5V) Noise Histogram (Output Rate = 52.5Hz, VCC = 5V, VREF = 5V) Noise Histogram (Output Rate = 22.5Hz, VCC = 5V, VREF = 5V) Noise Histogram (Output Rate = 6.83Hz, VCC = 5V, VREF = 5V) VIN (V) –2.5 –2 –1.5 –1 –0.5 0 0.5 1 1.5 2 2.5 2413 G01 1.5 1.0 0.5 0 –0.5 –1.0 –1.5 VCC = 5V REF + = 5V REF – = GND VREF = 5V VINCM = 2.5V FO = GND TA = 90°C TA = 25°C TA = –45°C VIN (V) –1 –0.5 0 0.5 1 2413 G02 1.5 1.0 0.5 0 –0.5 –1.0 –1.5 VCC = 5V REF + = 2.5V REF – = GND VREF = 2.5V VINCM = 1.25V FO = GND TA = 90°C TA = 25°C TA = –45°C VIN (V) –1 –0.5 0 0.5 1 2413 G03 10 8 6 4 2 0 –2 –4 –6 –8 –10 VCC = 2.7V REF + = 2.5V REF – = GND VREF = 2.5V VINCM = 1.25V FO = GND TA = 90°C TA = 25°C TA = –45°C VIN (V) –2.5 –2 –1.5 –1 –0.5 0 0.5 1 1.5 2 2.5 2413 G04 1.5 1.0 0.5 0 –0.5 –1.0 –1.5 VCC = 5V REF + = 5V REF – = GND VREF = 5V VINCM = 2.5V FO = GND TA = –45°C TA = 25°C TA = 90°C VIN (V) –1 –0.5 0 0.5 1 2413 G05 1.5 1.0 0.5 0 –0.5 –1.0 –1.5 VCC = 5V REF + = 2.5V REF – = GND VREF = 2.5V VINCM = 1.25V FO = GND TA = 25°C TA = –45°C TA = 90°C VIN (V) –1 –0.5 0 0.5 1 2413 G06 10 8 6 4 2 0 –2 –4 –6 –8 –10 VREF = 2.5V VINCM = 1.25V FO = GND VCC = 2.7V REF + = 2.5V REF – = GND TA = 25°C TA = –45°C TA = 90°C OUTPUT CODE (ppm OF VREF) –0.8 –0.6 –0.4 –0.2 0 0.2 0.4 0.6 0.8 2413 G07 12 10 8 6 4 2 0 10,000 CONSECUTIVE READINGS VCC = 5V VREF = 5V VIN = 0V REF + = 5V REF – = GND IN+ = 2.5V IN– = 2.5V FO = GND TA = 25°C GAUSSIAN DISTRIBUTION m = 0.105ppm σ = 0.153ppm OUTPUT CODE (ppm OF VREF) –0.8 –0.6 –0.4 –0.2 0 0.2 0.4 0.6 0.8 2413 G08 12 10 8 6 4 2 0 10,000 CONSECUTIVE READINGS VCC = 5V VREF = 5V VIN = 0V REF + = 5V REF – = GND IN+ = 2.5V IN– = 2.5V FO = 460800Hz TA = 25°C GAUSSIAN DISTRIBUTION m = 0.067ppm σ = 0.151ppm OUTPUT CODE (ppm OF VREF) –9.8 –9.4 –9 –8.6 –8.2 –7.8 –7.4 –7 –6.6 2413 G09 12 10 8 6 4 2 0 10,000 CONSECUTIVE READINGS VCC = 5V VREF = 5V VIN = 0V REF + = 5V REF – = GND IN+ = 2.5V IN– = 2.5V FO = 1075200Hz TA = 25°C GAUSSIAN DISTRIBUTION m = 8.285ppm σ = 0.311ppm |