| Moteur de recherche de fiches techniques de composants électroniques |
|
LM217L Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM217L Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() LM217L/LM317L 2/10 ABSOLUTE MAXIMUM RATINGS CONNECTION DIAGRAM (top view) ORDERING CODES TEST CIRCUIT Symbol Parameter² Value Unit VI- VO Input-Output Differential Voltage 40 V Pd Power Dissipation Internally Limited Topr Operating Junction Temperature Range for LM217L -40 to 125 °C for LM317L 0 to 125 Tstg Storage Temperature Range -55 to 150 °C TYPE SO-8 TO-92 LM217L LM217LD LM217LZ LM317L LM317LD LM317LZ SO-8 TO-92 PIN 1 = ADJUST PIN 2 = IN PIN 3 = OUT BOTTOM VIEW |