| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7679 Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7679 Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 29 page ![]() AD7679 Rev. A | Page 6 of 28 Table 4. Serial Clock Timings in Master Read after Convert DIVSCLK[1] 0 0 1 1 DIVSCLK[0] Symbol 0 1 0 1 Unit SYNC to SCLK First Edge Delay Minimum t18 3 17 17 17 ns Internal SCLK Period Minimum t19 25 60 120 240 ns Internal SCLK Period Maximum t19 40 80 160 320 ns Internal SCLK HIGH Minimum t20 12 22 50 100 ns Internal SCLK LOW Minimum t21 7 21 49 99 ns SDOUT Valid Setup Time Minimum t22 4 18 18 18 ns SDOUT Valid Hold Time Minimum t23 2 4 30 89 ns SCLK Last Edge to SYNC Delay Minimum t24 3 60 140 300 ns Busy High Width Maximum t28 2.25 3 4.5 7.5 μs |