| Moteur de recherche de fiches techniques de composants électroniques |
|
1N3003A Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
1N3003A Fiches technique(HTML) 2 Page - Microsemi Corporation |
|
2 / 4 page ![]() 10 WATT ZENER DIODES SCOTTSD A L E DIVISION 1N2970 thru 1N3015B and 1N3993 thru 1N4000A ELECTRICAL CHARACTERISTICS @ 30oC Case Temperature MAX. DYNAMIC IMPEDANCE (Note 3) MAX** REVERSE CURRENT IR @ VR JEDEC TYPE NO. (Note 1) NOMINAL ZENER VOLTAGE VZ @ IZT (Note 2) Volts ZENER TEST CURRENT ( IZT) mA ZZT @ IZT OHMS ZZK @ 1mA (IZK) OHMS MAX. DC ZENER CURRENT ( IZM) @ 75 oC Stud Temp. (Note 4) mA TYPICAL TEMP. COEFF. αVZ %/ oC µA Volts POLARITY †1N3993A †1N3994A †1N3995A †1N3996A †1N3997A †1N3998A †1N3999A †1N4000A 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 640 580 530 490 445 405 370 335 2.0 1.5 1.2 1.1 1.0 1.1 1.2 1.3 400 400 500 550 600 750 500 250 2380 2130 1940 1780 1620 1460 1330 1210 -.046 -.033 -.015 +/-.010 +.030 +.049 +.040 +.045 100 100 50 10 10 10 10 10 0.5 0.5 1.0 1.0 1.0 2.0 2.0 3.0 STD. POLARITY CATHODE TO STUD †1N2970B †1N2971B †1N2972B †1N2973B †1N2974B †1N2975B 6.8 7.5 8.2 9.1 10 11 370 335 305 275 250 230 1.2 1.3 1.5 2.0 3 3 500 250 250 250 250 250 1320 1180 1040 960 860 780 .040 .045 .048 .051 .055 .060 150 100 50 25 25 10 5.2 5.7 6.2 6.9 7.6 8.4 †1N2976B †1N2977B 1N2978B †1N2979B †1N2980B 1N2981B 12 13 14 15 16 17 210 190 180 170 155 145 3 3 3 3 4 4 250 250 250 250 250 250 720 660 600 560 530 500 .065 .065 .070 .070 .070 .075 10 10 10 10 10 10 9.1 9.9 10.5 11.4 12.2 13.0 †1N2982B 1N2983B †1N2984B †1N2985B †1N2986B 1N2987B 18 19 20 22 24 25 140 130 125 115 105 100 4 4 4 5 5 6 250 250 250 250 250 250 460 440 420 380 350 310 .075 .075 .075 .080 .080 .080 10 10 10 10 10 10 13.7 14.0 15.2 16.7 18.2 18.2 †1N2988B †1N2989B †1N2990B †1N2991B †1N2992B †1N2993B 27 30 33 36 39 43 95 85 75 70 65 60 7 8 9 10 11 12 250 300 300 300 300 400 300 280 260 230 210 195 .085 .085 .085 .085 .090 .090 10 10 10 10 10 10 20.6 22.8 25.1 27.4 29.7 32.7 1N2994B †1N2995B 1N2996B †1N2997B 1N2998B †1N3099B †1N3000B 45 47 50 51 52 56 62 55 55 50 50 50 45 40 13 14 15 15 15 16 17 400 400 500 500 500 500 600 185 175 165 160 160 150 130 .090 .090 .090 .090 .090 .090 .090 10 10 10 10 10 10 10 33.0 35.8 36.0 38.8 39.0 42.6 47.1 †1N3001B †1N3002B †1N3003B †1N3004B †1N3005B 1N3006B †1N3007B 68 75 82 91 100 105 110 37 33 30 28 25 25 23 18 22 25 35 40 45 55 600 600 700 800 900 1000 1100 120 110 100 85 80 75 72 .090 .090 .090 .090 .090 .095 .095 10 10 10 10 10 10 10 51.7 56.0 62.2 69.2 76.0 76.0 83.6 †1N3008B †1N3009B 1N3010B †1N3011B †1N3012B 1N3013B †1N3014B †1N3015B 120 130 140 150 160 175 180 200 20 19 18 17 16 14 14 12 75 100 125 175 200 250 260 300 1200 1300 1400 1500 1600 1750 1850 2000 67 62 58 54 50 46 45 40 .095 .095 .095 .095 .095 .095 .095 .100 10 10 10 10 10 10 10 10 91.2 98.8 100.0 114.0 121.6 135.0 136.8 152.0 STD. POLARITY ANODE TO STUD *JEDEC Registered Data. **Not JEDEC Data. †Have JAN and JANTX Qualifications to MIL-PRF-19500/124. See further notes on following page Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2003 11-12-2003 REV A |