Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT86384 Fiches technique(PDF) 7 Page - Holtek Semiconductor Inc

No de pièce HT86384
Description  Voice Synthesizer 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86384 Fiches technique(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT86384 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86384 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
HT86576
Chip size: 4060
´4740 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
HT86XXX
Rev. 1.70
7
May 6, 2004
( 0 , 0 )
1
2
3
4
5
6
7
8
9
1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0
2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2
3 3
3 4
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2
P A 1
P A 0
P B 7
O S C 2
O S C 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39