| Moteur de recherche de fiches techniques de composants électroniques |
|
HT86072 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86072 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 39 page ![]() Block Diagram HT86XXX Rev. 1.70 2 May 6, 2004 P r o g r a m C o u n t e r P r o g r a m R O M I n s t r u c t i o n R e g i s t e r I n s t r u c t i o n D e c o d e r T i m i n g G e n e r a t i o n O S C 2 O S C 1 R E S V D D V S S I n t e r r u p t C i r c u i t I N T C M P 0 M P 1 M U X M U X D A T A M e m o r y A L U S h i f t e r S T A T U S A C C T M R 1 T M R 1 C M U X S Y S C L K / 4 P C 5 / T M R 1 W D T S W D T P r e s c a l e r ¸ 2 5 6 W D T R C O S C 1 6 b i t T M R 0 T M R 0 C M U X S Y S C L K / 4 P C 4 / T M R 0 1 6 b i t S T A C K 2 S T A C K 3 S T A C K 4 S T A C K 5 S T A C K 6 S T A C K 7 P C C P C P O R T C P C 0 ~ P C 6 P B C P B P O R T B P B 0 ~ P B 7 L V D / L V R T M R 2 I N T P A C P A P O R T A P A 0 ~ P A 7 T M R 3 C T M R 3 3 2 7 6 8 H z C r y s t a l ( X I N a n d X O U T ) M U X S Y S C L K / 4 8 - s t a g e P r e s c a l e r T M R 2 C S Y S C L K / 4 S T A C K 0 S T A C K 1 1 2 - b i t D / A 3 - b i t V o l u m e C o n t r o l M U X S Y S C L K / 4 H A L T E N / D I S 1 6 - b i t 8 - b i t |