Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7992 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD7992
Description  2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7992 Fiches technique(HTML) 3 Page - Analog Devices

  AD7992 Datasheet HTML 1Page - Analog Devices AD7992 Datasheet HTML 2Page - Analog Devices AD7992 Datasheet HTML 3Page - Analog Devices AD7992 Datasheet HTML 4Page - Analog Devices AD7992 Datasheet HTML 5Page - Analog Devices AD7992 Datasheet HTML 6Page - Analog Devices AD7992 Datasheet HTML 7Page - Analog Devices AD7992 Datasheet HTML 8Page - Analog Devices AD7992 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AD7992
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Specifications..................................................................................... 3
I2C Timing Specifications ................................................................ 5
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Pin Function Descriptions...................... 8
Terminology ...................................................................................... 9
Typical Performance Characteristics ........................................... 10
Circuit Information ........................................................................ 13
Converter Operation.................................................................. 13
Typical Connection Diagram ................................................... 14
Analog Input ............................................................................... 14
Internal Register Structure ............................................................ 16
Address Pointer Register ........................................................... 16
Configuration Register .............................................................. 17
Conversion Result Register ....................................................... 18
Limit Registers ............................................................................ 18
Alert Status Register................................................................... 19
Cycle Timer Register.................................................................. 19
Sample Delay and Bit Trial Delay............................................. 19
Serial Interface ................................................................................ 20
Serial Bus Address...................................................................... 20
Writing to the AD7992 .................................................................. 21
Writing to the Address Pointer Register for a Subsequent
Read.............................................................................................. 21
Writing a Single Byte of Data to the Alert Status Register,
Cycle Register, or Configuration Register............................... 21
Writing Two Bytes of Data to a Limit Register or Hysteresis
Register ........................................................................................ 22
Reading Data from the AD7992................................................... 23
ALERT/BUSY Pin .......................................................................... 24
SMBus ALERT............................................................................ 24
Placing the AD7992-1 into High Speed Mode....................... 24
The Address Select (AS) Pin ..................................................... 24
Modes of Operation ....................................................................... 25
Mode 1—Using the CONVST Pin ........................................... 25
Mode 2 – Command mode....................................................... 26
Mode 3—Automatic Cycle Mode............................................. 27
Outline Dimensions ....................................................................... 28
Ordering Guide .......................................................................... 28
REVISION HISTORY
1/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29