Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7621 Fiches technique(PDF) 24 Page - Analog Devices

No de pièce AD7621
Description  16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7621 Fiches technique(HTML) 24 Page - Analog Devices

Back Button AD7621 Datasheet HTML 20Page - Analog Devices AD7621 Datasheet HTML 21Page - Analog Devices AD7621 Datasheet HTML 22Page - Analog Devices AD7621 Datasheet HTML 23Page - Analog Devices AD7621 Datasheet HTML 24Page - Analog Devices AD7621 Datasheet HTML 25Page - Analog Devices AD7621 Datasheet HTML 26Page - Analog Devices AD7621 Datasheet HTML 27Page - Analog Devices AD7621 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
AD7621
Rev. 0 | Page 23 of 32
BUSY
SYNC
SCLK
SDOUT
12
3
14
15
16
D15
D14
D2
D1
D0
X
RDC/SDIN = 0
INVSCLK = INVSYNC = 0
CNVST
CS, RD
EXT/INT = 0
t23
t22
t16
t15
t14
t29
t19
t21
t20
t18
t28
t30
t24
t25
t26
t27
t3
Figure 37. Master Serial Data Timing for Reading (Read After Convert)
EXT/INT = 0
RDC/SDIN = 1
INVSCLK = INVSYNC = 0
D15
D14
D2
D1
D0
X
12
3
14
15
16
BUSY
SYNC
SCLK
SDOUT
CNVST
CS, RD
t23
t18
t15
t14
t17
t3
t22
t16
t1
t25
t26
t24
t27
t19
t20 t21
Figure 38. Master Serial Data Timing for Reading (Read Previous Conversion During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33