| Moteur de recherche de fiches techniques de composants électroniques |
|
PE4053 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PE4053 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc. |
|
2 / 3 page ![]() 2 Material Specifications Description Material Plating Contact Brass Gold 30 µin minimum Insulation PTFE Body Brass Nickel 100 µin minimum Coupling Nut Brass Nickel 100 µin minimum . Environmental Specifications Temperature Operating Range -65 to +165 deg C Compliance Certifications (see product page for current document) Plotted and Other Data Notes: BNC Male Right Angle Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142, RG223, RG400, RG303, PE- C195, PE-P195, LMR-195 from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: BNC Male Right Angle Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142, RG223, RG400, RG303, PE-C195, PE-P195, LMR-195 PE4053 URL: https://www.pasternack.com/bnc-male-standard-rg55-rg58-rg141-rg142-rg223-rg400-connector-pe4053-p.aspx PE4053 REV 1.1 RF Connectors Technical Data Sheet PE4053 BNC Male Right Angle Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142, RG223, RG400, RG303, PE-C195, PE-P195, LMR-195 |