Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7641BSTZ Fiches technique(PDF) 26 Page - Analog Devices

No de pièce AD7641BSTZ
Description  18-Bit, 2 MSPS SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7641BSTZ Fiches technique(HTML) 26 Page - Analog Devices

Back Button AD7641BSTZ Datasheet HTML 21Page - Analog Devices AD7641BSTZ Datasheet HTML 22Page - Analog Devices AD7641BSTZ Datasheet HTML 23Page - Analog Devices AD7641BSTZ Datasheet HTML 24Page - Analog Devices AD7641BSTZ Datasheet HTML 25Page - Analog Devices AD7641BSTZ Datasheet HTML 26Page - Analog Devices AD7641BSTZ Datasheet HTML 27Page - Analog Devices AD7641BSTZ Datasheet HTML 28Page - Analog Devices AD7641BSTZ Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
AD7641
Rev. 0 | Page 25 of 28
SCLK
SDOUT
D17
D16
D1
D0
D15
X17
X16
X15
X1
X0
Y17
Y16
BUSY
SDIN
INVSCLK = 0
X17
X16
X
12
3
16
17
18
19
20
EXT/INT = 1
CS
RD = 0
t33
t16
t34
t31
t32
t35
t36 t37
Figure 38. Slave Serial Data Timing for Reading (Read After Convert)
SDOUT
SCLK
D1
D0
X
D17
D16
D15
1
2
3
17
18
BUSY
EXT/INT = 1
INVSCLK = 0
CNVST
CS
RD = 0
t16
t31
t32
t35
t3
t36 t37
4
D2
16
Figure 39. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29