Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATA6830 Fiches technique(PDF) 9 Page - ATMEL Corporation

No de pièce ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Fiches technique(HTML) 9 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 5Page - ATMEL Corporation ATA6830 Datasheet HTML 6Page - ATMEL Corporation ATA6830 Datasheet HTML 7Page - ATMEL Corporation ATA6830 Datasheet HTML 8Page - ATMEL Corporation ATA6830 Datasheet HTML 9Page - ATMEL Corporation ATA6830 Datasheet HTML 10Page - ATMEL Corporation ATA6830 Datasheet HTML 11Page - ATMEL Corporation ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
ATA6830
4575C–BCD–05/03
Power-up Sequence
After power-up the circuit has to be synchronized and a reference run has to be exe-
cuted before a position command can be carried out. Figure 9 shows a timing diagram
on how the necessary sequences follow each other.
Figure 9. Necessary Commands after Power-up
The first sequence is the synchronization sequence. Its pattern (Figure 6) should be
sent at least 4 times to be sure that the following commands will be recognized. If there
are distortions on the bus it is helpful to send this sequence more than 4 times. A RC
lowpass filter at the bus pin (Figure 16) helps to reduce distortsions.
After synchronization the stepping motor has to make the reference run to initialize its
zero position. The first reference run will only be executed if the circuit recognizes this
command three times in series. This function is implemented contributing to the impor-
tance of the reference run. After the reference run the circuit will switch to normal
operation. To perform a reference run during normal operation, the command has to be
sent only once. Figure 10 shows the state diagram for the implemented sequence
processor.
1
2
4
1
SYNCHRONIZATION
SEQUENCE
2
10
REFERENCE RUN
SEQUENCE
MESSAGE
FRAME
POWER
UP
POSITION 1
POSITION 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23