| Moteur de recherche de fiches techniques de composants électroniques |
|
M95256-RBN3TG Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-RBN3TG Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 39 page ![]() 19/39 M95256, M95128 Figure 14. Page Write (WRITE) Sequence Note: The most significant address bits (b15 for the M95256, and bits b15 and b14 for the M95128) are Don’t Care. C D AI01796D S 34 33 35 36 37 38 39 40 41 42 44 45 46 47 32 C D S 15 2 1 3456789 10 20 21 22 23 24 25 26 27 14 13 3210 28 29 30 Instruction 16-Bit Address 0 765432 0 1 Data Byte 1 31 43 765432 0 1 Data Byte 2 765432 0 1 Data Byte 3 65432 0 1 Data Byte N |