| Moteur de recherche de fiches techniques de composants électroniques |
|
6FL Fiches technique(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
6FL Fiches technique(HTML) 4 Page - International Rectifier |
|
4 / 10 page ![]() 1N3879(R), 1N3889(R), 6/ 12/ 16FL(R) Series 2222222222222 12 4 Outline Table Conforms to JEDEC DO-203AA (DO-4) All dimensions in millimeters 5 1 2 3 4 A 16 F L R 60 M S02 7 6 8 Device Code Ordering Information Table 1 - Omit = Standard or Fast Recovery Diode A = Avalanche Diode 2 - Current Code I (AVG) = Exact Current Rating 3 - F = Diode 4 - Omit = Standard Recovery Diode L = Only for Fast Diode 5 - Omit = Stud Forward Polarity R= Stud Reverse Polarity 6 - Voltage code: Code x 10 = V RRM (see Voltage Ratings table) 7 - Outlines: Omit = Stud Base UNF Thread M= Stud Base Metric Thread 8 -7 t rr code only for Fast Diode (see Recovery Characteristics table) |