| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9925BBCZRL Fiches technique(PDF) 91 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZRL Fiches technique(HTML) 91 Page - Analog Devices |
|
91 / 96 page ![]() AD9925 Rev. A | Page 91 of 96 Table 85. XV7 and XV8 Vertical Sequence 1 Registers Address Data Bit Content Default Value Register Name Register Description 54 [0] [11:1] [23:12] X X X HOLD_1 UNUSED XV78START_1 0: Vertical Masking Operation, 1: Hold Area instead of Vertical Masking Unused Start Position for XV7 and XV8 55 [11:0] [23:12] X X XV78REPO_1 XV78REPE_1 Number of Selected XV7, XV8 Repetitions for Odd Lines Number of Selected XV7, XV8 Repetitions for Even Lines 56 [0] [23:1] X X XV78HOLDEN_1 UNUSED 0: No Hold Area for XV7 and XV8, 1: Enable Hold Area for XV7 and XV8 Unused 57 [23:0] X UNUSED Unused Table 86. XV7 and XV8 Vertical Sequence 2 Registers Address Data Bit Content Default Value Register Name Register Description 58 [0] [11:1] [23:12] X X X HOLD_2 UNUSED XV78START_2 0: Vertical Masking Operation, 1: Hold Area instead of Vertical Masking Unused Start Position for XV7 and XV8 59 [11:0] [23:12] X X XV78REPO_2 XV78REPE_2 Number of Selected XV7, XV8 Repetitions for Odd Lines Number of Selected XV7, XV8 Repetitions for Even Lines 5A [0] [23:1] X X XV78HOLDEN_2 UNUSED 0: No Hold Area for XV7 and XV8, 1: Enable Hold Area for XV7 and XV8 Unused 5B [23:0] X UNUSED Unused Table 87. XV7 and XV8 Vertical Sequence 3 Registers Address Data Bit Content Default Value Register Name Register Description 5C [0] [11:1] [23:12] X X X HOLD_3 UNUSED XV78START_3 0: Vertical Masking Operation, 1: Hold Area instead of Vertical Masking Unused Start Position for XV7 and XV8 5D [11:0] [23:12] X X XV78REPO_3 XV78REPE_3 Number of Selected XV7, XV8 Repetitions for Odd Lines Number of Selected XV7, XV8 Repetitions for Even Lines 5E [0] [23:1] X X XV78HOLDEN_3 UNUSED 0: No Hold Area for XV7 and XV8, 1: Enable Hold Area for XV7 and XV8 Unused 5F [23:0] X UNUSED Unused Table 88. XV7 and XV8 Vertical Sequence 4 Registers Address Data Bit Content Default Value Register Name Register Description 60 [0] [11:1] [23:12] X X X HOLD_4 UNUSED XV78START_4 0: Vertical Masking Operation, 1: Hold Area instead of Vertical Masking Unused Start Position for XV7 and XV8 61 [11:0] [23:12] X X XV78REPO_4 XV78REPE_4 Number of Selected XV7, XV8 Repetitions for Odd Lines Number of Selected XV7, XV8 Repetitions for Even Lines 62 [0] [23:1] X X XV78HOLDEN_4 UNUSED 0: No Hold Area for XV7 and XV8, 1: Enable Hold Area for XV7 and XV8 Unused 63 [23:0] X UNUSED Unused |